Part Name
         Description
HYMD212G726DS4M-K

 184pin Registered DDR SDRAM DIMMs ( 30 Page)


HYNIX
100% 
Zoom Out Zoom In
 15 page
background image
Rev. 1.1 /May. 2005
15
184pin Registered DDR SDRAM DIMMs
AC CHARACTERISTICS (note: 1 - 9 / AC operating conditions unless otherwise noted)
Parameter
Symbol
DDR400B
DDR333
DDR266A
DDR266B
DDR200
UNIT
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Row Cycle Time
tRC
55
-
60
-
65
-
65
-
70
-
ns
Auto Refresh Row
Cycle Time
tRFC
70
-
72
-
75
-
75
-
80
-
ns
Row Active Time
tRAS
40
70K
42
70K
45
120K
45
120K
50
120K
ns
Active to Read with
Auto Precharge Delay
tRAP
tRCD or
tRASmin
-
tRCD or
tRASmin
-
tRCD or
tRASmin
-
tRCD or
tRASmin
-
tRCD or
tRASmin
-ns
Row Address to
Column Address Delay
tRCD
15
-
18
-
20
-
20
-
20
-
ns
Row Active to Row
Active Delay
tRRD
10
-
12
-
15
-
15
-
15
-
ns
Column Address to
Column Address Delay
tCCD
1-
1
-
1
-
1-
1
-
tCK
Row Precharge Time
tRP
15
-
18
-
20
-
20
-
20
-
ns
Write Recovery Time
tWR
15
-
15
-
15
-
15
-
15
-
ns
Internal Write to Read
Command Delay
tWTR
2-
1
-
1
-
1-
1
-
tCK
Auto Precharge Write
Recovery + Precharge
Time22
tDAL
(tWR/
tCK)
+
(tRP/tCK)
-
(tWR/
tCK)
+
(tRP/tCK)
-
(tWR/
tCK)
+
(tRP/tCK)
-
(tWR/
tCK)
+
(tRP/tCK)
-
(tWR/
tCK)
+
(tRP/tCK)
-tCK
System
Clock Cycle
Time24
CL = 3
tCK
5
10
-
-
-
---
-
-
CL = 2.5
-
-
6
12
7.5
12
7.5
12
8.0
12
ns
CL = 2
-
-
7.5
12
7.5
1210
1210
12
ns
Clock High Level Width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Clock Low Level Width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Data-Out edge to Clock
edge Skew
tAC
-0.7
0.7
-0.7
0.7
-0.75
0.75
-0.75
0.75
-0.75
0.75
ns
DQS-Out edge to Clock
edge Skew
tDQSCK
-0.55
0.55
-0.6
0.6
-0.75
0.75
-0.75
0.75
-0.75
0.75
ns
DQS-Out edge to Data-
Out edge Skew21
tDQSQ
-
0.4
-
0.45
-
0.5
-
0.5
-
0.6
ns
Data-Out hold time
from DQS20
tQH
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-ns
Clock Half Period19,20
tHP
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-ns
Data Hold Skew
Factor20
tQHS
-
0.5
-
0.55
-
0.75
-
0.75
-
0.75
ns
Valid Data Output
Window
tDV
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
ns



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl