Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD232G726DP8-K Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HYMD232G726DP8-K
Description  184pin Registered DDR SDRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232G726DP8-K Datasheet(HTML) 2 Page - Hynix Semiconductor

  HYMD232G726DP8-K Datasheet HTML 1Page - Hynix Semiconductor HYMD232G726DP8-K Datasheet HTML 2Page - Hynix Semiconductor HYMD232G726DP8-K Datasheet HTML 3Page - Hynix Semiconductor HYMD232G726DP8-K Datasheet HTML 4Page - Hynix Semiconductor HYMD232G726DP8-K Datasheet HTML 5Page - Hynix Semiconductor HYMD232G726DP8-K Datasheet HTML 6Page - Hynix Semiconductor HYMD232G726DP8-K Datasheet HTML 7Page - Hynix Semiconductor HYMD232G726DP8-K Datasheet HTML 8Page - Hynix Semiconductor HYMD232G726DP8-K Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Rev. 1.1 /May. 2005
2
184pin Registered DDR SDRAM DIMMs
ORDERING INFORMATION
Note:
1. The “Pb-free” products contain Lead less than 0.1% by weight and satisfy RoHS - please contact Hynix for product availability.
* These products are built with HY5DU564(8,16)22DT[P], the Hynix DDR SDRAM component.
Part Number
Density
Organization
# of DRAMs
Material
DIMM Dimension
HYMD232G726D8-K/H
256MB
32M x 8
9
Normal
133.35 x 43.18 x 3.99 [mm3]
HYMD232G726DP8-K/H
256MB
32M x 8
9
Pb-free1
HYMD232G726D8M-K/H
256MB
32M x 8
9
Normal
133.35 x 30.48 x 3.99 [mm3]
HYMD232G726DP8M-K/H
256MB
32M x 8
9
Pb-free1
HYMD264G726D8-K/H
512MB
64M x 8
18
Normal
133.35 x 43.18 x 3.99 [mm3]
HYMD264G726DP8-K/H
512MB
64M x 8
18
Pb-free1
HYMD264G726D8M-K/H
512MB
64M x 8
18
Normal
133.35 x 30.48 x 3.99 [mm3]
HYMD264G726DP8M-K/H
512MB
64M x 8
18
Pb-free1
HYMD264G726D4-K/H
512MB
64M x 4
18
Normal
133.35 x 43.18 x 3.99 [mm3]
HYMD264G726DP4-K/H
512MB
64M x 4
18
Pb-free1
HYMD264G726D4M-K/H
512MB
64M x 4
18
Normal
133.35 x 30.48 x 3.99 [mm3]
HYMD264G726DP4M-K/H
512MB
64M x 4
18
Pb-free1
HYMD212G726DS4-K/H/L
1GB
128M x 4 (stacked)
36
Normal
133.35 x 43.18 x 6.81 [mm3]
HYMD212G726DSP4-K/H/L
1GB
128M x 4 (stacked)
36
Pb-free1
HYMD212G726DS4M-K/H
1GB
128M x 4 (stacked)
36
Normal
133.35 x 30.48 x 6.81 [mm3]
HYMD212G726DSP4M-K/H
1GB
128M x 4 (stacked)
36
Pb-free1


Similar Part No. - HYMD232G726DP8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726DF8N-D43J HYNIX-HYMD232G726DF8N-D43J Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726DFP8N-D43 HYNIX-HYMD232G726DFP8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD232G726DFP8N-D43J HYNIX-HYMD232G726DFP8N-D43J Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
More results

Similar Description - HYMD232G726DP8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726DF8N-D43 HYNIX-HYMD232G726DF8N-D43 Datasheet
2Mb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726BF8N-D43 HYNIX-HYMD564G726BF8N-D43 Datasheet
442Kb / 20P
   184pin Registered DDR SDRAM DIMMs
HYMD564G726CFP8N-D43 HYNIX-HYMD564G726CFP8N-D43 Datasheet
890Kb / 23P
   184pin Registered DDR SDRAM DIMMs
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
logo
Eorex Corporation
ED382R517-2G4SA-H9R EOREX-ED382R517-2G4SA-H9R_15 Datasheet
1Mb / 51P
   eorex Registered DDR3 SDRAM DIMMs
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMD216646D6-K HYNIX-HYMD216646D6-K Datasheet
375Kb / 30P
   1184pin Unbuffered DDR SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com