Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6200IS8TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT6200IS8TRPBF
Description  165MHz, Rail-to-Rail Input and Output, 0.95nV/?숰z Low Noise, Op Amp Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6200IS8TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6200IS8TRPBF Datasheet HTML 3Page - Linear Technology LT6200IS8TRPBF Datasheet HTML 4Page - Linear Technology LT6200IS8TRPBF Datasheet HTML 5Page - Linear Technology LT6200IS8TRPBF Datasheet HTML 6Page - Linear Technology LT6200IS8TRPBF Datasheet HTML 7Page - Linear Technology LT6200IS8TRPBF Datasheet HTML 8Page - Linear Technology LT6200IS8TRPBF Datasheet HTML 9Page - Linear Technology LT6200IS8TRPBF Datasheet HTML 10Page - Linear Technology LT6200IS8TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
62001fd
LT6200/LT6200-5
LT6200-10/LT6201
ELECTRICAL CHARACTERISTICS T
A = 25°C, VS = ±5V, VCM = VOUT = 0V, VSHDN = OPEN, unless otherwise noted.
Excludes the LT6201 in the DD package (Note 3).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Input Bias Current
VCM = Half Supply
VCM = V+
VCM = V
–40
–50
–10
8
–23
18
μA
μA
μA
ΔIB
IB Shift
VCM = Vto V+
31
68
μA
IB Match (Channel-to-Channel) (Note 11)
VCM = Vto V+
0.2
6
μA
IOS
Input Offset Current
VCM = Half Supply
VCM = V+
VCM = V
1.3
1
3
7
7
12
μA
μA
μA
Input Noise Voltage
0.1Hz to 10Hz
600
nVP-P
en
Input Noise Voltage Density
f = 100kHz
f = 10kHz
0.95
1.4
2.3
nV/√Hz
nV/√Hz
in
Input Noise Current Density, Balanced Source
Unbalanced Source
f = 10kHz
f = 10kHz
2.2
3.5
pA/√Hz
pA/√Hz
Input Resistance
Common Mode
Differential Mode
0.57
2.1
CIN
Input Capacitance
Common Mode
Differential Mode
3.1
4.2
pF
pF
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 1k
VO = ±2V, RL = 100
115
15
200
26
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = Vto V+
VCM = –2V to 2V
68
75
96
100
dB
dB
CMRR Match (Channel-to-Channel) (Note 11)
VCM = –2V to 2V
80
105
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.25V to ±5V
60
68
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.25V to ±5V
65
100
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
ISINK = 5mA
ISINK = 20mA
12
55
150
50
110
290
mV
mV
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 20mA
70
110
225
130
210
420
mV
mV
mV
ISC
Short-Circuit Current
±60
±90
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
VSHDN = 0.3V
20
1.6
23
2.1
mA
mA
ISHDN
SHDN Pin Current
VSHDN = 0.3V
200
280
μA
VL
VSHDN Pin Input Voltage LOW
0.3
V
VH
VSHDN Pin Input Voltage HIGH
V+–0.5
V
Shutdown Output Leakage Current
VSHDN = 0.3V
0.1
75
μA
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100Ω, VS = 5V
130
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100Ω, VS = 5V
180
ns
GBW
Gain Bandwidth Product
Frequency = 1MHz
LT6200-5
LT6200-10
110
530
1060
165
800
1600
MHz
MHz
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = 4V
35
50
V/μs
AV = –10, RL = 1k, VO = 4V
LT6200-5
LT6200-10
175
315
250
450
V/μs
V/μs
FPBW
Full Power Bandwidth (Note 9)
VOUT = 3VP-P (LT6200-10)
33
47
MHz
tS
Setting Time (LT6200, LT6201)
0.1%, VSTEP = 1, RL = 1k
140
ns


Similar Part No. - LT6200IS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6200 LINER-LT6200 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6200 LINER-LT6200 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
logo
Analog Devices
LT6200 AD-LT6200 Datasheet
2Mb / 28P
   1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
logo
Linear Technology
LT6200 LINER-LT6200 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6200 LINER-LT6200 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
More results

Similar Description - LT6200IS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6200-10 LINER-LT6200-10_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200-5 LINER-LT6200-5_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6200 LINER-LT6200_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
LT6201 LINER-LT6201_15 Datasheet
540Kb / 26P
   165MHz, Rail-to-Rail Input and Output, 0.95nV/Hz Low Noise, Op Amp Family
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com