Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6207IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LT6207IGN
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6207IGN Datasheet HTML 5Page - Linear Technology LT6207IGN Datasheet HTML 6Page - Linear Technology LT6207IGN Datasheet HTML 7Page - Linear Technology LT6207IGN Datasheet HTML 8Page - Linear Technology LT6207IGN Datasheet HTML 9Page - Linear Technology LT6207IGN Datasheet HTML 10Page - Linear Technology LT6207IGN Datasheet HTML 11Page - Linear Technology LT6207IGN Datasheet HTML 12Page - Linear Technology LT6207IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT6205/LT6206/LT6207
9
620567fc
TYPICAL PERFORMANCE CHARACTERISTICS
Gain Bandwidth and Phase
Margin vs Temperature
Slew Rate vs Temperature
Slew Rate vs Closed-Loop Gain
Closed-Loop Gain vs Frequency
Output Impedance vs Frequency
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Channel Separation vs Frequency
Series Output Resistor
vs Capacitive Load
TEMPERATURE (°C)
–50
–25
0
25
50
75
125
100
620567 G19
120
110
100
90
80
55
50
45
40
35
GAIN BANDWIDTH
PHASE MARGIN
VS = 5V
VS = 5V
VS = 3V, 0V
VS = 3V, 0V
RL = 1k
CL = 5pF
TEMPERATURE (°C)
–50
–25
0
25
50
75
125
100
620567 G20
750
650
600
700
550
500
450
400
350
RISING VS = 5V
AV = –1
RG = RF = 1k
RL = 1k
RISING VS = 5V, 0V
FALLING VS = 5V, 0V
FALLING VS = 5V
GAIN (AV)
2345
620567 G21
750
650
600
700
550
500
400
450
RISING
VS = 5V
VO = –4V to 4V
RL = 1k
TA = 25°C
FALLING
FREQUENCY (Hz)
15
12
9
6
3
0
–3
–6
–9
–15
–12
100k
10M
100M
500M
620567 G22
1M
VS = 5V
VCM = 0V
VS = 3V
VCM = 1V
TA = 25°C
CL = 5pF
AV = +1
FREQUENCY (Hz)
100k
0.1
10
1000
10M
100M
1M
500M
620567 G23
1
100
VS = 5V, 0V
TA = 25°C
AV = 10
AV = 2
AV = 1
FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
10k
1M
10M
100M
620567 G24
100k
VS = 5V, 0V
TA = 25°C
–PSRR
+PSRR
FREQUENCY (Hz)
10k
1M
10M
1G
620567 G25
100k
100
90
80
70
60
50
40
30
20
10
0
100M
VS = 5V
TA = 25°C
FREQUENCY (Hz)
1M
120
110
100
90
80
70
60
50
40
10M
100M
620567 G26
VS = 5V
LT6206 CH A-B
LT6207 CH A-D, CH B-C
TA = 25°C
CAPACITIVE LOAD (pF)
10
40
35
30
25
20
15
10
5
0
100
1000
620567 G27
VS = 5V, 0V
AV = 1
TA = 25°C
RS = 10Ω, RL =
RS = 20Ω, RL =
RL = RS = 50Ω


Similar Part No. - LT6207IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6207IGN LINER-LT6207IGN Datasheet
430Kb / 16P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
More results

Similar Description - LT6207IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6205 LINER-LT6205_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6206 LINER-LT6206_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6205 LINER-LT6205 Datasheet
430Kb / 16P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
LT6207 LINER-LT6207_15 Datasheet
266Kb / 18P
   Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com