Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2392CLX-16 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2392CLX-16
Description  16-Bit, 500ksps SAR ADC with 94dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2392CLX-16 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2392CLX-16 Datasheet HTML 2Page - Linear Technology LTC2392CLX-16 Datasheet HTML 3Page - Linear Technology LTC2392CLX-16 Datasheet HTML 4Page - Linear Technology LTC2392CLX-16 Datasheet HTML 5Page - Linear Technology LTC2392CLX-16 Datasheet HTML 6Page - Linear Technology LTC2392CLX-16 Datasheet HTML 7Page - Linear Technology LTC2392CLX-16 Datasheet HTML 8Page - Linear Technology LTC2392CLX-16 Datasheet HTML 9Page - Linear Technology LTC2392CLX-16 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2392-16

239216f
typical perFormance characteristics
DC Histogram
(Internal Reference)
Internal Reference Output
vs Temperature
Offset Error vs Temperature
Full-Scale Error vs Temperature
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
DC Histogram
(External Reference)
16k Point FFT fS = 500ksps,
fIN = 20kHz
OUTPUT CODE
0
0
0.5
1.0
65536
239216 G01
–0.5
–1.0
–2.0
16384
32768
49152
–1.5
2.0
1.5
OUTPUT CODE
0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
16384
32768
49152
65536
239216 G02
TA = 25°C, fSMPL = 500ksps, unless otherwise noted.
CODE
32764
1200000
1600000
2000000
239216 G03
800000
400000
1000000
1400000
1800000
600000
200000
0
32766
32768
32770
32772
CODE
32764
1200000
1600000
2000000
239216 G04
800000
400000
1000000
1400000
1800000
600000
200000
0
32766
32768
32770
32772
TEMPERATURE (°C)
–55
4.0975
–15
25 45
125
239216 G05
4.0970
4.0965
4.0960
4.0955
4.0950
4.0945
4.0940
4.0935
4.0930
4.0925
–35
5
65 85 105
TC = 4ppm/°C
TEMPERATURE (°C)
–55
0
0.2
0.6
0.8
1.0
–15
25 45
125
239216 G06
0.4
–35
5
65 85 105
TEMPERATURE (°C)
–55
–10
–8
–4
–2
0
10
4
–15
25 45
125
239216 G07
–6
6
8
2
–35
5
65 85 105
16k Point FFT fS = 500ksps,
fIN = 100kHz
FREQUENCY (kHz)
0
–180
–160
–120
–100
–80
50
100
250
150
200
0
239216 G08
–140
–60
–40
–20
SNR = 94dB
THD –103dB
SINAD = 93.5dB
SFDR = 104dB
FREQUENCY (kHz)
0
–180
–160
–120
–100
–80
50
100
250
150
200
0
239216 G09
–140
–60
–40
–20
SNR = 94dB
THD –97.3dB
SINAD = 92.3dB
SFDR = 101.7dB


Similar Part No. - LTC2392CLX-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2392-16 LINER-LTC2392-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2392-16 LINER-LTC2392-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2392-16 LINER-LTC2392-16 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
More results

Similar Description - LTC2392CLX-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2372-16 LINER-LTC2372-16 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2372-16 LINER-LTC2372-16_15 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2367-16 LINER-LTC2367-16_15 Datasheet
527Kb / 24P
   16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com