Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6655BHMS8-1.25 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6655BHMS8-1.25
Description  0.25ppm Noise, Low Drift Precision Buffered Reference Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6655BHMS8-1.25 Datasheet(HTML) 4 Page - Linear Technology

  LTC6655BHMS8-1.25 Datasheet HTML 1Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 2Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 3Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 4Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 5Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 6Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 7Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 8Page - Linear Technology LTC6655BHMS8-1.25 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC6655

6655fa
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT + 0.5V, VOUT_S connected to VOUT_F, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Noise (Note 7)
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
0.25
0.67
ppmP-P
ppmRMS
Turn-On Time
0.1% Settling, COUT = 2.7µF
400
µs
Long-Term Drift of Output Voltage (Note 8)
60
ppm/√kHr
Hysteresis (Note 9)
∆T = –0°C to 70°C
∆T = –40°C to 85°C
∆T = –40°C to 125°C
30
35
60
ppm
ppm
ppm
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Precision may be affected if the parts are stored outside of the
specified temperature range. Large temperature changes may cause
changes in device performance due to thermal hysteresis. For best
performance, extreme temperatures should be avoided whenever possible.
Note 3: The stated temperature is typical for soldering of the leads during
manual rework. For detailed IR reflow recommendations, refer to the
Applications Information section.
Note 4: Temperature coefficient is measured by dividing the maximum
change in output voltage by the specified temperature range.
Note 5: Load regulation is measured on a pulse basis from no load to
the specified load current. Load current does not include the 2mA sense
current. Output changes due to die temperature change must be taken into
account separately.
Note 6: Excludes load regulation errors. Minimum supply for the
LTC6655-1.25, LTC6655-2.048 and LTC6655-2.5 is set by internal circuitry
supply requirements, regardless of load condition. Minimum supply for
the LTC6655-3, LTC6655-3.3, LTC6655-4.096 and LTC6655-5 is specified
by load current.
Note 7: Peak-to-peak noise is measured with a 2-pole highpass filter at
0.1Hz and 3-pole lowpass filter at 10Hz. The unit is enclosed in a still-air
environment to eliminate thermocouple effects on the leads, and the
test time is 10 seconds. Due to the statistical nature of noise, repeating
noise measurements will yield larger and smaller peak values in a given
measurement interval. By repeating the measurement for 1000 intervals,
each 10 seconds long, it is shown that there are time intervals during
which the noise is higher than in a typical single interval, as predicted by
statistical theory. In general, typical values are considered to be those for
which at least 50% of the units may be expected to perform similarly or
better. For the 1000 interval test, a typical unit will exhibit noise that is
less than the typical value listed in the Electrical Characteristics table in
more than 50% of its measurement intervals. See Application Note 124 for
noise testing details. RMS noise is measured with a spectrum analyzer in a
shielded environment.
Note 8: Long-term stability typically has a logarithmic characteristic and
therefore, changes after 1000 hours tend to be much smaller than before
that time. Total drift in the second thousand hours is normally less than
one-third that of the first thousand hours with a continuing trend toward
reduced drift with time. Long-term stability is also affected by differential
stresses between the IC and the board material created during board
assembly.
Note 9: Hysteresis in output voltage is created by mechanical stress
that differs depending on whether the IC was previously at a higher or
lower temperature. Output voltage is always measured at 25°C, but
the IC is cycled to the hot or cold temperature limit before successive
measurements. Hysteresis is roughly proportional to the square of the
temperature change. For instruments that are stored at well controlled
temperatures (within 20 or 30 degrees of operational temperature),
hysteresis is usually not a significant error source.


Similar Part No. - LTC6655BHMS8-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6655 LINER-LTC6655 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LTC6655 LINER-LTC6655 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC6655 LINER-LTC6655 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC6655 LINER-LTC6655 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC6655 LINER-LTC6655 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Similar Description - LTC6655BHMS8-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
   0.25ppm Noise, Low Drift Precision References
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com