Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5LS20216ASPGEIQ1R Datasheet(PDF) 5 Page - Texas Instruments

Part # P5LS20216ASPGEIQ1R
Description  16/32-BIT RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P5LS20216ASPGEIQ1R Datasheet(HTML) 5 Page - Texas Instruments

  P5LS20216ASPGEIQ1R Datasheet HTML 1Page - Texas Instruments P5LS20216ASPGEIQ1R Datasheet HTML 2Page - Texas Instruments P5LS20216ASPGEIQ1R Datasheet HTML 3Page - Texas Instruments P5LS20216ASPGEIQ1R Datasheet HTML 4Page - Texas Instruments P5LS20216ASPGEIQ1R Datasheet HTML 5Page - Texas Instruments P5LS20216ASPGEIQ1R Datasheet HTML 6Page - Texas Instruments P5LS20216ASPGEIQ1R Datasheet HTML 7Page - Texas Instruments P5LS20216ASPGEIQ1R Datasheet HTML 8Page - Texas Instruments P5LS20216ASPGEIQ1R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 101 page
background image
Flash
2.0MB
with ECC
CRC
OSC
NHET
SYS
LIN2
MiBSPI1
DCAN1
OSCIN
OSCOUT
TRST
TMS
TCK
TDI
TDO
RST
PORRST
TEST
NHET[31:0]
LIN2RX
LIN2TX
MIBSPI1SIMO
MIBSPI1SOMI
MIBSPI1CLK
MIBSPI1SCS[3:0]
CAN1RX
CAN1TX
FLTP1
ECLK
MIBSPI3SIMO
MIBSPI3SOMI
MIBSPI3CLK
DCAN2
CAN2RX
CAN2TX
128 Words
128 Buffers
MIBSPI3SCS[3:0]
VIM
HET TU
8 DCP
64 Messages
64 Messages
DMA
16 Channels
Primary SCR
ETM
ETMTRACECTL
ETMTRACECLKOUT
CCM-R4
RTP
DMM
RTCK
1 Port
MIBSPI1ENA
with Parity
with Parity
with Parity
with Parity
VCCP1
with Parity
with MPU
ETMDATA[31:0]
MIBSPI3ENA
FLTP2
with MPU
8 Transfer
Groups
64 Channel
with Parity
2 Channel
Clock
Monitor
MiBSPI3
128 Buffers
with Parity
8 Transfer
Groups
Flexray
8k Byte
with Parity
FRAYRX1
FRAYTX1
FRAYTXEN1
FRAYRX2
FRAYTX2
FRAYTXEN2
DCAN3
CAN3RX
CAN3TX
32 Messages
with Parity
RAM
160kB
with ECC
FMzPLL
Kelvin_GND
DAP
DMMENA
DMMSYNC
DMMCLK
DMMDATA[1:0]
with Parity
Periph Bridge
Cortex-R4F
Msg RAM
Flexray
with MPU
with Parity
RTI
SCR
2
TU
SCR
1
Note:
Priorities
SCR2 : round robin
SCR : round robin
SCR1 : 1=DMA, 2=DMM, 3=DAP
DMMDATA[15:2]*
MiBADC2
64 Words
with Parity
MiBSPIP5
MIBSPI5SIMO[3:0]*
MIBSPI5SOMI[3:0]*
MIBSPI5CLK*
MIBSPI5SCS[3:0]*
MIBSPI5ENA*
128 Buffers
with Parity
8 Transfer
Groups
32 Regions
with DMMDATA[15:2] pins
64 Words
with
ICEPick
2 RAM blocks
ESM
ERROR
MiBADC1
64 Words
with Parity
12Bit
12Bit
with MPU
Cortex-R4F
with MPU
GIO
GIOA[7:0]/INT[7:0]
GIOB[7:0]
LIN1
LIN1RX
LIN1TX
STC
LBIST
EMIFADD[21:0]
EMIFDATA[15:0]
EMIFCS[3:0]
EMIFWE
EMIFOE
EMIF
EMIFBADD[1:0]
P
O
M
* MIBSPIP5 pins are multiplexed
ETMTRACECLKIN
EMIFDQM[1:0]
SCR
PCR
FPLL
for Flexray
VMON
VccIO
Vcc
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
www.ti.com
SPNS141 – MARCH 2010
1.3
Functional Block Diagram
Copyright © 2010, Texas Instruments Incorporated
TMS570LS Series 16/32-BIT RISC Flash Microcontroller
5
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116
TMS570LS10106


Similar Part No. - P5LS20216ASPGEIQ1R

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P5L150B PFC-P5L150B Datasheet
641Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150DS PFC-P5L150DS Datasheet
586Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L150SP PFC-P5L150SP Datasheet
673Kb / 5P
   5A 150V MOS Schottky Rectifier
P5L200B PFC-P5L200B Datasheet
644Kb / 5P
   5A 200V MOS Schottky Rectifier
P5L200SP PFC-P5L200SP Datasheet
723Kb / 5P
   5A 200V MOS Schottky Rectifier
More results

Similar Description - P5LS20216ASPGEIQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com