Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6248 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6248
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6248 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6248 Datasheet HTML 5Page - Linear Technology LTC6248 Datasheet HTML 6Page - Linear Technology LTC6248 Datasheet HTML 7Page - Linear Technology LTC6248 Datasheet HTML 8Page - Linear Technology LTC6248 Datasheet HTML 9Page - Linear Technology LTC6248 Datasheet HTML 10Page - Linear Technology LTC6248 Datasheet HTML 11Page - Linear Technology LTC6248 Datasheet HTML 12Page - Linear Technology LTC6248 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC6246/LTC6247/LTC6248

624678fa
Typical perForMance characTerisTics
Supply Current Per Amplifier
vs SHDN Pin Voltage
SHDN Pin Current
vs SHDN Pin Voltage
Input Noise Voltage and Noise
Current vs Frequency
Input Bias Current vs Temperature
Supply Current
vs Supply Voltage (Per Amplifier)
0.1Hz to 10Hz Voltage Noise
TIME (1s/DIV)
0
1.5
VS = ±2.5V
1.0
0.5
0
0.5
–1.0
–1.5
1
7
3
9
624678 G14
10
4
5
6
2
8
TOTAL SUPPLY VOLTAGE (V)
0
1.20
1.00
0.80
0.60
0.40
0.20
0
1
3
624678 G16
TA = 125°C
TA = 25°C
TA = –55°C
4
5
2
TEMPERATURE (°C)
–55
700
600
300
–100
400
500
0
200
100
–200
35
5
–25
95
624678 G13
125
65
VS = 5V, 0V
VCM = 4.5V
VCM = 2.5V
FREQUENCY (Hz)
1
1000
en, VCM = 4.5V
en, VCM = 2.5V
in, VCM = 2.5V
in, VCM = 4.5V
100
10
1.0
0.1
10
1k
10M
624678 G15
10k 100k 1M
100
SHDN PIN VOLTAGE (V)
0
1.25
1.00
0.75
0.50
0.25
0
2.5
2
1.5
1
0.5
3.5
624678 G17
5
125°C
VS = 5V, 0V
25°C
–55°C
4 4.5
3
SHDN PIN VOLTAGE (V)
0
0.25
0
–0.25
–0.50
–0.75
–1.00
–1.25
–1.50
–1.75
–2.00
–2.25
–2.50
2.5
2
1.5
1
0.5
3.5
624678 G18
5
125°C
VS = 5V, 0V
SHUTDOWN CURRENT
25°C
–55°C
4 4.5
3
Output Saturation Voltage
vs Load Current (Output High)
Minimum Supply Voltage,
VCM = VS/2 (PNP Operation)
Minimum Supply Voltage,
VCM = V+ – 0.5V (NPN Operation)
TOTAL SUPPLY VOLTAGE (V)
2
12
10
8
6
4
2
0
–2
2.5
3.5
624678 G19
5.5
125°C
25°C
–55°C
4
4.5
5
3
TOTAL SUPPLY VOLTAGE (V)
2
5
4
3
2
1
0
–1
2.5
3.5
624678 G20
5.5
125°C
25°C
–55°C
4
4.5
5
3
VCM = VCC – 0.5V
LOAD CURRENT (mA)
624678 G21
10
1
0.1
0.01
0.01
10
100
1
0.1
VS = ±2.5V
TA = –55°C
TA = 125°C
TA = 25°C


Similar Part No. - LTC6248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6248 LINER-LTC6248 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC6248 LINER-LTC6248 Datasheet
571Kb / 24P
   Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC6248 LINER-LTC6248 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LTC6248 LINER-LTC6248 Datasheet
1Mb / 18P
   2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
LTC6248 LINER-LTC6248 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6252 LINER-LTC6252_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6254 LINER-LTC6254_15 Datasheet
950Kb / 26P
   720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com