Part Name
         Description
LTC6802-2

 Multicell Addressable Battery Stack Monitor ( 34 Page)


LINER
100% 
Zoom Out Zoom In
 29 page
background image
LTC6802-2

68022fa
applicaTions inForMaTion
Figure 16. Providing an Isolated High-Speed Data Interface
LTC6802-2
68022 F16
CSBI
V
VREG
SDO
SDI
SCKI
LTC1693-2
ACSL-6410
IN1
GND1
IN2
GND2
VCC1
OUT1
VCC2
OUT2
3.57k
3.57k
3.57k
330
+5V_HOST
CSBI
SDI
SCKI
SDO
GND_HOST
4.99k
33nF
1
3
6
4
1µF
BAT54S
ISOLATED VLOGIC
PE68386
BAT54S
470pF
100nF
1µF
20k
10k
330
100k
TP0610K
330
TP0610K
100k
TP0610K
100k
249
PROVIDING HIGH SPEED OPTO-ISOLATION
OF THE SPI DATA PORT
Isolation techniques that are capable of supporting the
1Mbps data rate of the LTC6802-2 require more power
on the isolated (battery) side than can be furnished by
the VREG output of the LTC6802-2. To keep battery drain
minimal, this means that a DC/DC function must be imple-
mented along with a suitable data isolation circuit, such as
shown in Figure 16. Here an optimal Avago 4-channel (3/1
bidirectional) opto-coupler is used, with a simple isolated
supplygeneratedbyanLTC1693-2configuredasa200kHz
oscillator. The DC/DC function provides an unregulated
logic voltage (~4V) to the opto-coupler isolated side,
from energy provided by host-furnished 5V. This circuit
provides totally galvanic isolation between the batteries
and the host processor, with an insulation rating of 560V
continuous, 2500V transient. The Figure 16 functionality
is included in the LTC6802-2 demo board.
PCB LAYOUT CONSIDERATIONS
The VREG and VREF pins should be bypassed with a 1µF
capacitor for best performance.
The LTC6802-2 is capable of operation with as much as
60V between V+ and V. Care should be taken on the PCB
layout to maintain physical separation of traces at different
potentials. The pinout of the LTC6802-2 was chosen to
facilitate this physical separation. Figure 17 shows the DC
voltage on each pin with respect to Vwhen twelve 3.6V
battery cells are connected to the LTC6802-2. There is no
more then 5.5V between any two adjacent pins. The pack-
age body is used to separate the highest voltage (43.5V)
from the lowest voltage (0V).



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl