Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR50SS5T10K Datasheet(PDF) 1 Page - Dubilier

Part # DCR50SS5T10K
Description  RESISTORS CARBON FILM DCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DCR50SS5T10K Datasheet(HTML) 1 Page - Dubilier

  DCR50SS5T10K Datasheet HTML 1Page - Dubilier DCR50SS5T10K Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
126
RESISTORS
CARBON FILM DCR
ORDERING INFORMATION
OUTLINE DRAWING
Cost effective
High stock levels
Zero-ohm link available
The DCR range is available in power ratings from 1/6W to 2W. All
product is taped, with special taping forms available as an option. All
product is manufactured to specifications ELA RS196A, JLS-C-6402
and IEC-115.
Typical applications will range from consumer products to
computing and automotive uses.
All DCR’s are recognisable by their pale beige colour, and easily
readable EIA colour coding.
Normal
Small size
L
øD
H
ød
DCR12
DCR25SS
3.3+0.4 1.8+0.3
28+2.0 0.5+0.05
DCR25
DCR50SS
6.3+0.5 2.3+0.3
28+2.0 0.6+0.05
DCR50
DCR100SS 9.0+0.5 3.2+0.5
26+2.0 0.6+0.05
DCR100
DCR200SS 11.5+1.0 4.5+0.5
35+2.0 0.8+0.05
DCR200
15.5+1.0 5.0+0.5
32+2.0 0.8+0.05
Type
Power/W
Max. Working Voltage/V
Max. Overload Voltage
Range
DCR12
0.166
150
300
1Ω-10MΩ E24
DCR25
0.33
250
500
1Ω-10MΩ E24
DCR25SS
0.25
200
400
1Ω-10MΩ E24
DCR50
0.5
350
700
1Ω-10MΩ E24
DCR50SS
0.5
300
600
1Ω-10MΩ E24
DCR100
1
500
1000
1Ω-10MΩ E24
DCR100SS
1
400
800
1Ω-10MΩ E24
DCR200
2
500
1000
1Ω-10MΩ E24
DCR200SS
2
500
1000
1Ω-10MΩ E24
D
H
H
L
d
DCR
25
5
T
10K
Type
12 = 0.166W
25 = 0.33W
25SS = 0.25W
50 = 0.50W
50SS = 0.50W
100 = 1W
100SS = 1W
200SS = 2W
200 = 2W
Tolerance
5%
Taping
T = Tape
& Ammo
BD = Tape/Reel
Value
in ohms
* Parts also available with 26mm width taping - add PT26 to end of part number Weldable type with copper lead wire
available to special order Taping specification available on page 134.
DCR 50 becoming obsolete - 50 SST.
Operating Temperature
-55°C to 155°C
*
RANGE


Similar Part No. - DCR50SS5T10K

ManufacturerPart #DatasheetDescription
logo
Dubilier
DCR50SS5T10K DUBILIER-DCR50SS5T10K Datasheet
260Kb / 2P
   RESISTORS CARBON FILM DCR
More results

Similar Description - DCR50SS5T10K

ManufacturerPart #DatasheetDescription
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K_11 Datasheet
260Kb / 2P
   RESISTORS CARBON FILM DCR
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
   Carbon Film Resistors
logo
Vishay Siliconix
LCA0922 VISHAY-LCA0922 Datasheet
203Kb / 4P
   Carbon Film Resistors, Standard
Revision 03-Sep-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com