Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656BIS6-2.5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6656BIS6-2.5
Description  1關A Precision Series Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656BIS6-2.5 Datasheet(HTML) 5 Page - Linear Technology

  LT6656BIS6-2.5 Datasheet HTML 1Page - Linear Technology LT6656BIS6-2.5 Datasheet HTML 2Page - Linear Technology LT6656BIS6-2.5 Datasheet HTML 3Page - Linear Technology LT6656BIS6-2.5 Datasheet HTML 4Page - Linear Technology LT6656BIS6-2.5 Datasheet HTML 5Page - Linear Technology LT6656BIS6-2.5 Datasheet HTML 6Page - Linear Technology LT6656BIS6-2.5 Datasheet HTML 7Page - Linear Technology LT6656BIS6-2.5 Datasheet HTML 8Page - Linear Technology LT6656BIS6-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT6656

6656f
Typical perForMance characTerisTics
Reverse Output Current
Output Impedance vs Frequency
Reverse Input Current
0
15
20
10
5
100
10
1
OUTPUT VOLTAGE (V)
6656 G12
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
VIN = GND
INPUT VOLTAGE (V)
6656 G11
100
10
1
0
0 –2 –4 –6 –8
–20
–18
–16
–14
–12
–10
VOUT = GND
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
FREQUENCY (Hz)
6656 G10
1k
100
10
10
1k
10k
100
VIN = 3V
CL = 1µF
IL = 0
IL = 10µA
IL = 100µA
Output Noise Voltage Spectrum
vs Load Capacitance
Long-Term Drift
FREQUENCY (Hz)
6656 G15
40
35
30
25
20
15
10
5
0
1
100
1k
10
VIN = 3V
IL = 0
CL = 47µF
CL = 4.7µF
CL = 0.47µF
HOURS
0
200
150
50
–50
–150
100
0
–100
–200
500
900
300
700
6656 G16
1000
400
800
200
600
100
VIN = 3V
CL = 1µF
IL = 0
5 TYPICAL PARTS
SOLDERED ONTO PCB
Output Noise 0.1Hz to 10Hz
Output Voltage Noise Spectrum
vs Load Current
TIME (1s/DIV)
6656 G13
VS = 3V
CL = 1µF
IL = 0
FREQUENCY (Hz)
6656 G14
16
14
12
10
8
6
4
2
0
10
1k
10k
100
VS = 3V
CL = 1µF
IL = 0
IL = 10µA
IL = 250µA
IL = 1mA


Similar Part No. - LT6656BIS6-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656BIS6-2.5 LINER-LT6656BIS6-2.5 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656BIS6-2.5PBF LINER-LT6656BIS6-2.5PBF Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656BIS6-2.5TRPBF LINER-LT6656BIS6-2.5TRPBF Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656BIS6-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com