Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3868EGN-1PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3868EGN-1PBF
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868EGN-1PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3868EGN-1PBF Datasheet HTML 6Page - Linear Technology LTC3868EGN-1PBF Datasheet HTML 7Page - Linear Technology LTC3868EGN-1PBF Datasheet HTML 8Page - Linear Technology LTC3868EGN-1PBF Datasheet HTML 9Page - Linear Technology LTC3868EGN-1PBF Datasheet HTML 10Page - Linear Technology LTC3868EGN-1PBF Datasheet HTML 11Page - Linear Technology LTC3868EGN-1PBF Datasheet HTML 12Page - Linear Technology LTC3868EGN-1PBF Datasheet HTML 13Page - Linear Technology LTC3868EGN-1PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
LTC3868-1
0
38681fb
FuncTional DiagraM
SW
TOP
BOOST
TG
CB
CIN
D
DB
PGND
BOT
BG
INTVCC
INTVCC
VIN
COUT
VOUT
38681 FD
RSENSE
DROP
OUT
DET
BOT
TOP ON
S
R
Q
Q
SHDN
SLEEP
0.425V
ICMP
2(VFB)
0.45V
IR
3mV
SLOPE COMP
DUPLICATE FOR SECOND
CONTROLLER CHANNEL
SENSE+
SENSE
PGOOD1
VFB1
0.88V
0.72V
L
FREQ
+
+ –
SWITCH
LOGIC
VFB
RA
CC
RC
CC2
RB
0.80V
TRACK/SS
0.88V
0.5µA
RUN
ITH
SS
CSS
1µA
SHDN
10µA
FOLDBACK
SHDN
RST
2(VFB)
SHORT CKT
LATCH-OFF
PLLIN/MODE
20µA
VCO
LDO
EN
INTVCC
5.1V
SYNC
DET
100k
CLK2
CLK1
VIN
EXTVCC
LDO
PFD
EN
4.7V
5.1V
SGND
EA
OV
11V


Similar Part No. - LTC3868EGN-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3868EUH LINER-LTC3868EUH Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868EUHPBF LINER-LTC3868EUHPBF Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868EUHTRPBF LINER-LTC3868EUHTRPBF Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3868EGN-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com