Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3868EUFD-1PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3868EUFD-1PBF
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868EUFD-1PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3868EUFD-1PBF Datasheet HTML 3Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 4Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 5Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 6Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 7Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 8Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 9Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 10Page - Linear Technology LTC3868EUFD-1PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LTC3868-1

38681fb
Typical perForMance characTerisTics
Soft-Start Pull-Up Current
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
Regulated Feedback Voltage
vs Temperature
SENSEPin Input Current
vs Temperature
Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
TEMPERATURE (°C)
–45
1.15
30
38681 G19
1.00
0.90
–20
5
55
0.85
0.80
1.20
1.10
1.05
0.95
80
105 130
TEMPERATURE (°C)
–45
0.90
0.95
1.05
1.10
1.15
1.40
1.25
5
55
80
38681 G20
1.00
1.30
1.35
1.20
–20
30
105 130
TEMPERATURE (°C)
–45
806
30
38681 G21
800
796
–20
5
55
794
792
808
804
802
798
80
105 130
TEMPERATURE (°C)
–45
–600
–550
–200
–150
50
–50
–20
30
55
130
38681 G22
0
–100
–400
–350
–500
–450
–250
–300
5
80
105
VOUT = 3.3V
VOUT = 28V
INPUT VOLTAGE (V)
5
8
10
14
20
38681 G23
6
4
10
15
25
28
2
0
12
Oscillator Frequency
vs Input Voltage
INPUT VOLTAGE (V)
5
352
354
356
20
38681 G28
350
348
10
15
25
28
346
344
TEMPERATURE (°C)
–45
3.4
3.5
3.7
3.8
3.9
4.4
4.1
5
55
80
38681 G25
3.6
4.2
4.3
4.0
–20
30
105 130
TEMPERATURE (°C)
–45
700
30
38681 G24
400
200
–20
5
55
100
0
800
600
500
300
80
105 130
FREQ = INTVCC
FREQ = GND


Similar Part No. - LTC3868EUFD-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3868EUH LINER-LTC3868EUH Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868EUHPBF LINER-LTC3868EUHPBF Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868EUHTRPBF LINER-LTC3868EUHTRPBF Datasheet
580Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3868EUFD-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com