Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656AIS6-2.5TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT6656AIS6-2.5TRPBF
Description  1關A Precision Series Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656AIS6-2.5TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6656AIS6-2.5TRPBF Datasheet HTML 4Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 5Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 6Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 7Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 8Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 9Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 10Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 11Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT6656

6656f
Figure 8. 0°C to 70°C Hysteresis
applicaTions inForMaTion
Figure 9. –40°C to 85°C Hysteresis
or the battery is installed backwards. In systems where
the output can be held up by a backup battery with the
input pulled to ground, the reverse output protection of
the LT6656 limits the output current to typically less than
30µA. Should the output be pulled above the input when
the LT6656 is biased, the output will typically sink 4mA.
The current versus reverse voltage is shown in the Typical
Performance Characteristics section.
Long-Term Drift
Long-term drift cannot be extrapolated from accelerated
high temperature testing. This erroneous technique gives
drift numbers that are wildly optimistic. A more realistic
way to determine long-term drift is to measure it over the
time interval of interest. The LT6656 drift data was taken
over 100 parts that were soldered into PC boards similar
to a real world application. The boards were then placed
into a constant temperature oven with TA = 30°C, their
outputs scanned regularly and measured with an 8.5 digit
DVM. The parts chosen in the Long Term Drift curves in
the Typical Performance Characteristics section represent
high, low and typical units.
Hysteresis
Hysteresis on the LT6656 is measured in two steps, for
example, from 25°C to –40°C to 25°C, then from 25°C to
85°C to 25°C, for the industrial temperature range. This
two-step cycle is repeated several times and the maximum
hysteresis from all the partial cycles is noted. Unlike other
commonly used methods for specifying hysteresis, this
ensures the worst-case hysteresis is included, whether it
occurs in the first temperature excursion or the last.
Results over both commercial and industrial temperature
ranges are shown in Figure 8 and Figure 9. As expected,
the parts cycled over the higher temperature range have
a higher hysteresis than those cycled over the lower
range.
Power Dissipation
The LT6656 will not exceed the maximum junction tem-
perature when operating within its specified temperature
range of –40°C to 85°C, maximum input voltage of 18V
and specified load current of 5mA.
IR Reflow Shift
The different expansion and contraction rates of the
materials that make up the LT6656 package induce small
stresses on the die that can cause the output to shift during
IR reflow. Common lead free IR reflow profiles reach over
250°C, considerably more than lead solder profiles. The
higherreflowtemperatureoftheleadfreepartsexacerbates
the issue of thermal expansion and contraction causing
the output shift to generally be greater than with a leaded
reflow process.
The lead free IR reflow profile used to experimentally
measure the output voltage shift in the LT6656-2.5 is
shown in Figure 10. Similar results can be expected using
a convection reflow oven. Figure 11 shows the change
in output voltage that was measured for parts that were
HYSTERESIS (ppm)
–60
–40
–20
30
25
15
5
20
10
0
6656 F08
60
40
20
0
VIN = 3V
CL = 1µF
IL = 0
0°C TO 25°C
70°C TO 25°C
HYSTERESIS (ppm)
–160 –120
–40
–80
20
18
14
12
8
4
16
10
6
2
0
6656 F09
160
120
40 80
0
VIN = 3V
CL = 1µF
IL = 0
–40°C TO 25°C
85°C TO 25°C


Similar Part No. - LT6656AIS6-2.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656AIS6-2.5TRPBF LINER-LT6656AIS6-2.5TRPBF Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656AIS6-2.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com