Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6655BHMS8-3PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6655BHMS8-3PBF
Description  0.25ppm Noise, Low Drift Precision Buffered Reference Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6655BHMS8-3PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC6655BHMS8-3PBF Datasheet HTML 1Page - Linear Technology LTC6655BHMS8-3PBF Datasheet HTML 2Page - Linear Technology LTC6655BHMS8-3PBF Datasheet HTML 3Page - Linear Technology LTC6655BHMS8-3PBF Datasheet HTML 4Page - Linear Technology LTC6655BHMS8-3PBF Datasheet HTML 5Page - Linear Technology LTC6655BHMS8-3PBF Datasheet HTML 6Page - Linear Technology LTC6655BHMS8-3PBF Datasheet HTML 7Page - Linear Technology LTC6655BHMS8-3PBF Datasheet HTML 8Page - Linear Technology LTC6655BHMS8-3PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC6655

6655fa
Input Voltage
VIN to GND.......................................... –0.3V to 13.2V
SHDN to GND ........................... –0.3V to (VIN + 0.3V)
Output Voltage:
VOUT_F ...................................... –0.3V to (VIN + 0.3V)
VOUT_S ..................................................... –0.3V to 6V
Output Short-Circuit Duration...................... Indefinite
Operating Temperature Range (Note 2) . –40°C to 125°C
Storage Temperature Range (Note 2)..... –65°C to 150°C
Lead Temperature Range (Soldering, 10 sec)
(Note 3).................................................................300°C
(Note 1)
1
2
3
4
SHDN
VIN
GND*
GND
8
7
6
5
GND*
VOUT_F
VOUT_S
GND*
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 300°C/W
*CONNECT PINS TO DEVICE GND (PIN 4)
pin conFiguraTion
absoluTe MaxiMuM raTings
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6655BHMS8-1.25#PBF
LTC6655BHMS8-1.25#TRPBF
LTFDG
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655CHMS8-1.25#PBF
LTC6655CHMS8-1.25#TRPBF
LTFDG
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655BHMS8-2.048#PBF
LTC6655BHMS8-2.048#TRPBF
LTFDH
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655CHMS8-2.048#PBF
LTC6655CHMS8-2.048#TRPBF
LTFDH
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655BHMS8-2.5#PBF
LTC6655BHMS8-2.5#TRPBF
LTFCY
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655CHMS8-2.5#PBF
LTC6655CHMS8-2.5#TRPBF
LTFCY
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655BHMS8-3#PBF
LTC6655BHMS8-3#TRPBF
LTFDJ
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655CHMS8-3#PBF
LTC6655CHMS8-3#TRPBF
LTFDJ
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655BHMS8-3.3#PBF
LTC6655BHMS8-3.3#TRPBF
LTFDK
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655CHMS8-3.3#PBF
LTC6655CHMS8-3.3#TRPBF
LTFDK
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655BHMS8-4.096#PBF
LTC6655BHMS8-4.096#TRPBF
LTFDM
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655CHMS8-4.096#PBF
LTC6655CHMS8-4.096#TRPBF
LTFDM
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655BHMS8-5#PBF
LTC6655BHMS8-5#TRPBF
LTFDN
8-Lead Plastic MSOP
–40°C to 125°C
LTC6655CHMS8-5#PBF
LTC6655CHMS8-5#TRPBF
LTFDN
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC6655BHMS8-3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6655 LINER-LTC6655 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LTC6655 LINER-LTC6655 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC6655 LINER-LTC6655 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC6655 LINER-LTC6655 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC6655 LINER-LTC6655 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Similar Description - LTC6655BHMS8-3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
   0.25ppm Noise, Low Drift Precision References
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com