Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2471IDDPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2471IDDPBF
Description  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2471IDDPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2471IDDPBF Datasheet HTML 3Page - Linear Technology LTC2471IDDPBF Datasheet HTML 4Page - Linear Technology LTC2471IDDPBF Datasheet HTML 5Page - Linear Technology LTC2471IDDPBF Datasheet HTML 6Page - Linear Technology LTC2471IDDPBF Datasheet HTML 7Page - Linear Technology LTC2471IDDPBF Datasheet HTML 8Page - Linear Technology LTC2471IDDPBF Datasheet HTML 9Page - Linear Technology LTC2471IDDPBF Datasheet HTML 10Page - Linear Technology LTC2471IDDPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2471/LTC2473
7
24713f
APPLICATIONS INFORMATION
CONVERTER OPERATION
Converter Operation Cycle
The LTC2471/LTC2473 are low power, delta sigma, analog
to digital converters with a simple I2C interface and a user
selected 250sps/1ksps output rate (see Figure 1). The
LTC2473 has a fully differential input while the LTC2471 is
single-ended. Both are pin and software compatible. Their
operation is composed of three distinct states: CONVERT,
SLEEP/NAP, and DATA INPUT/OUTPUT. The operation
begins with the CONVERT state (see Figure 2). Once the
conversion is finished, the converter automatically pow-
ers down (NAP) or under user control, both the converter
and reference are powered down (SLEEP). The conversion
result is held in a static register while the device is in this
state. The cycle concludes with the DATA INPUT/OUTPUT
state. Once all 16-bits are read or an abort is initiated, the
device begins a new conversion.
The CONVERT state duration is determined by the
LTC2471/LTC2473 conversion time (nominally 4ms or
1ms depending on the selected output rate). Once started,
this operation can not be aborted except by a low power
supply condition (VCC < 2.1V) which generates an internal
power-on reset signal.
Figure 2. LTC2471/LTC2473 State Transition Diagram
DATA INPUT/OUTPUT
SLEEP/NAP
CONVERT
POWER-ON RESET
YES
24713 F02
STOP
OR
READ 16 BITS
READ/WRITE
ACKNOWLEDGE
NO
YES
NO
BLOCK DIAGRAM
Figure 1. Functional Block Diagram
ΔΣ A/D
CONVERTER
DECIMATING
SINC FILTER
SDA
REFOUT
COMP
REF
IN+
(IN)
IN
(GND)
SCL
AO
24713 BD
ΔΣ A/D
CONVERTER
INTERNAL
REFERENCE
( ) PARENTHESIS INDICATE LTC2471
SPI
INTERFACE
INTERNAL
OSCILLATOR
1
VCC
12
2
3
5
6
8
GND
4, 7, 11, 13 DD PACKAGE
4, 7, 11 MS PACKAGE
9
10


Similar Part No. - LTC2471IDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2471 LINER-LTC2471_15 Datasheet
491Kb / 20P
   Selectable 208sps/833sps, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
More results

Similar Description - LTC2471IDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2460 LINER-LTC2460 Datasheet
239Kb / 20P
   Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2461 LINER-LTC2461 Datasheet
229Kb / 20P
   Ultra-Tiny, 16-Bit I짼C ?誇 ADCs with 10ppm/째C Max Precision Reference
LTC2471 LINER-LTC2471_15 Datasheet
491Kb / 20P
   Selectable 208sps/833sps, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2473 LINER-LTC2473_15 Datasheet
491Kb / 20P
   Selectable 208sps/833sps, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2470 LINER-LTC2470_15 Datasheet
383Kb / 22P
   Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2472 LINER-LTC2472_15 Datasheet
383Kb / 22P
   Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2463 LINER-LTC2463_15 Datasheet
309Kb / 20P
   Ultra-Tiny, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2461 LINER-LTC2461_15 Datasheet
309Kb / 20P
   Ultra-Tiny, 16-Bit I2C ADCs with 10ppm/C Max Precision Reference
LTC2460 LINER-LTC2460_15 Datasheet
314Kb / 22P
   Ultra-Tiny, 16-Bit ADCs with 10ppm/C Max Precision Reference
LTC2462 LINER-LTC2462_15 Datasheet
314Kb / 22P
   Ultra-Tiny, 16-Bit ADCs with 10ppm/C Max Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com