Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3865IUHTRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3865IUHTRPBF
Description  Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3865IUHTRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3865IUHTRPBF Datasheet HTML 2Page - Linear Technology LTC3865IUHTRPBF Datasheet HTML 3Page - Linear Technology LTC3865IUHTRPBF Datasheet HTML 4Page - Linear Technology LTC3865IUHTRPBF Datasheet HTML 5Page - Linear Technology LTC3865IUHTRPBF Datasheet HTML 6Page - Linear Technology LTC3865IUHTRPBF Datasheet HTML 7Page - Linear Technology LTC3865IUHTRPBF Datasheet HTML 8Page - Linear Technology LTC3865IUHTRPBF Datasheet HTML 9Page - Linear Technology LTC3865IUHTRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3865/LTC3865-1

3865f
Load Step
(Burst Mode Operation)
Load Step
(Forced Continuous Mode)
Load Step
(Pulse-Skipping Mode)
Inductor Current at Light Load
Prebiased Output at 1V
Coincident Tracking
VOUT
100mV/DIV
AC-
COUPLED
ILOAD
5A/DIV
500mA
TO 7A
IL
5A/DIV
40µs/DIV
VIN = 12V
VOUT = 1.5V
FIGURE 16 CIRCUIT
3865 G01
VOUT
100mV/DIV
AC-
COUPLED
ILOAD
5A/DIV
500mA
TO 7A
IL
5A/DIV
40µs/DIV
3865 G02
VIN = 12V
VOUT = 1.5V
FIGURE 16 CIRCUIT
VOUT
100mV/DIV
AC-
COUPLED
ILOAD
5A/DIV
500mA
TO 7A
IL
5A/DIV
40µs/DIV
3865 G03
VIN = 12V
VOUT = 1.5V
FIGURE 16 CIRCUIT
RUN
2V/DIV
VTRACK/SS
1V/DIV
VOUT = 1.5V
500mV/DIV
40ms/DIV
3865 G05
FORCED
CONTINUOUS
MODE
5A/DIV
PULSE-
SKIPPING MODE
5A/DIV
Burst Mode
OPERATION
5A/DIV
2µs/DIV
VIN = 12V
VOUT = 1.5V
ILOAD = 100mA
FIGURE 16 CIRCUIT
3865 G04
RUN1
2V/DIV
40ms/DIV
3865 G06
VOUT2 = 1.2V
1 LOAD
500mV/DIV
VOUT1 = 1.5V
1 LOAD
500mV/DIV
Typical perForMance characTerisTics
Efficiency vs Load Current
Efficiency vs Load Current
Efficiency and Power Loss
vs Input Voltage
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.01
1
10
100
3865 G23
0
0.1
VIN = 12V
VOUT = 1.5V
FIGURE 16 CIRCUIT
BURST
DCM
CCM
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.01
1
10
100
3865 G24
0
0.1
VIN = 12V
VOUT = 1.2V
FIGURE 16 CIRCUIT
BURST
DCM
CCM
INPUT VOLTAGE (V)
0
50
60
70
3865 G25
40
30
20
10
20
80
90
100
3
2
1
0
4
5
30
EFFICIENCY
POWER LOSS
FIGURE 16 CIRCUIT


Similar Part No. - LTC3865IUHTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
More results

Similar Description - LTC3865IUHTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com