Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4070IMS8EPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4070IMS8EPBF
Description  Li-Ion/Polymer Shunt Battery Charger System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4070IMS8EPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4070IMS8EPBF Datasheet HTML 1Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 2Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 3Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 4Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 5Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 6Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 7Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 8Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4070
4
4070f
TYPICAL PERFORMANCE CHARACTERISTICS
ICCQ vs Temperature (ADJ = VCC)
VHBTH VCC Rising vs Temperature
(ADJ = VCC)
VFLOAT vs Temperature, ICC = 1mA
VFLOAT vs NTC Temperature,
ICC = 1mA
VLBTH VCC Falling vs Temperature
VLBHY vs Temperature
Battery Discharge ICC vs VCC
Load Regulation
ΔVFLOAT vs ICC
TA = 25°C, unless otherwise noted.
VHBHY vs Temperature
(ADJ = VCC)
VCC (V)
1000
900
700
800
600
500
400
300
200
100
0
1
0
2
4070 G01
34
FALLING
ADJ = GND
RISING
ICC (mA)
10
9
7
8
6
5
4
3
2
1
0
10
0
20
30
4070 G02
40
50
60
TEMPERATURE (°C)
4.30
4.25
4.15
4.20
4.10
4.05
4.00
3.95
3.90
–25
–50
25
50
0
4070 G03
75
100
125
ADJ = VCC
ADJ = FLOAT
ADJ = GND
NO NTC
TEMPERATURE (°C)
1000
900
700
800
600
500
400
300
200
100
0
–25
–50
25
50
0
4070 G04
75
100
125
TEMPERATURE (°C)
100
90
70
80
60
50
40
30
20
10
0
–25
–50
25
50
0
4070 G05
75
100
125
TEMPERATURE (°C)
300
250
150
200
100
50
0
–25
–50
25
50
0
4070 G06
75
100
125
TEMPERATURE (°C)
4.3
4.2
4.0
4.1
3.9
3.8
3.7
40
20
0
60
4070 G07
80
100
ADJ = VCC
ADJ = FLOAT
ADJ = GND
TEMPERATURE (°C)
3.250
3.245
3.235
3.240
3.225
3.230
3.210
3.205
3.220
3.215
3.200
–25
–50
25
50
0
4070 G08
75
100
125
ADJ = FLOAT
ADJ = GND
ADJ = VCC
TEMPERATURE (°C)
320
300
240
220
280
260
200
–25
–50
25
50
0
4070 G09
75
100
125
ADJ = FLOAT
ADJ = GND
ADJ = VCC


Similar Part No. - LTC4070IMS8EPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4070 LINER-LTC4070 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC4070 LINER-LTC4070 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC4070 LINER-LTC4070 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC4070 LINER-LTC4070 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
LTC4070 LINER-LTC4070 Datasheet
179Kb / 20P
   Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
More results

Similar Description - LTC4070IMS8EPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4070 LINER-LTC4070_15 Datasheet
224Kb / 16P
   Li-Ion/Polymer Shunt Battery Charger System
logo
Linear Integrated Syste...
LTC4071 LINEAR-LTC4071 Datasheet
247Kb / 18P
   Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Linear Technology
LTC4071 LINER-LTC4071_15 Datasheet
247Kb / 18P
   Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com