Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4070IMS8EPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4070IMS8EPBF
Description  Li-Ion/Polymer Shunt Battery Charger System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4070IMS8EPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4070IMS8EPBF Datasheet HTML 4Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 5Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 6Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 7Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 8Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 9Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 10Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 11Page - Linear Technology LTC4070IMS8EPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4070
8
4070f
OPERATION
NTC Qualified Float Voltage,
ΔVFLOAT(NTC)
The NTC pin voltage is compared against an internal
resistor divider tied to the NTCBIAS pin. This divider has
tap points that are matched to the NTC thermistor resis-
tance/temperature conversion table for a Vishay curve
2 type thermistor at temperatures of 40°C, 50°C, 60°C,
and 70°C. The type #2 thermistor is also designated by a
B25/85 value of 3490.
Battery temperature conditioning adjusts the float voltage
down to VFLOAT_EFF when the NTC thermistor indicates
that the battery temperature is too high. For a 10k curve 2
thermistor and a 10k NTCBIAS resistor, each 10°C increase
in temperature above 40°C causes the float voltage to drop
by a fixed amount,
ΔVFLOAT(NTC),dependingonADJ.IfADJ
is at GND, the float voltage steps down by 50mV for each
10°C temperature increment. If ADJ is floating, the step size
is 75mV. And if ADJ is at VCC, the step size is 100mV. Refer
to Table 1 for the range of VFLOAT_EFF programming.
Table 1. NTC Qualified Float Voltage
ADJ
ΔVFLOAT(NTC) TEMPERATURE VNTC AS % OF NTCBIAS
VFLOAT_
EFF
GND
50mV
T < 40°C
40°C ≤ T < 50°C
50°C ≤ T < 60°C
60°C ≤ T < 70°C
70°C < T
VNTC > 36.5%
29.0% < VNTC ≤ 36.5%
22.8% < VNTC ≤ 29.0%
17.8% < VNTC ≤ 22.8%
VNTC ≤ 17.8%
4.000V
3.950V
3.900V
3.850V
3.800V
Float
75mV
T < 40°C
40°C ≤ T < 50°C
50°C ≤ T < 60°C
60°C ≤ T < 70°C
70°C ≤ T
VNTC > 36.5%
29.0% < VNTC ≤ 36.5%
22.8% < VNTC ≤ 29.0%
17.8% < VNTC ≤ 22.8%
VNTC ≤ 17.8%
4.100V
4.025V
3.950V
3.875V
3.800V
VCC
100mV
T < 40°C
40°C ≤ T < 50°C
50°C ≤ T < 60°C
60°C ≤ T < 70°C
70°C ≤ T
VNTC > 36.5%
29.0% < VNTC ≤ 36.5%
22.8%< VNTC ≤ 29.0%
17.8% < VNTC ≤ 22.8%
VNTC ≤ 17.8%
4.200V
4.100V
4.000V
3.900V
3.800V
For all ADJ pin settings the lowest float voltage setting is
3.8V = VFLOAT – 4•ΔVFLOAT(NTC) = VFLOAT_MIN. This occurs
at NTC thermistor temperatures above 70°C, or if the NTC
pin is grounded.
To conserve power in the NTCBIAS and NTC resistors, the
NTCBIAS pin is sampled at a low duty cycle at the same
time that the ADJ pin state is sampled.
High Battery Status Output: HBO
The HBO pin pulls high when VCC rises to within VHBTH of
the programmed float voltage, VFLOAT_EFF, including NTC
qualified float voltage adjustments.
If VCC drops below the float voltage by more than VHBTH
+ VHBHY the HBO pin pulls low to indicate that the bat-
tery is not at full charge. The input supply current of the
LTC4070 drops to less than 450nA (typ) as the LTC4070 no
longer shunts current to protect the battery. The NTCBIAS
sample clock slows to conserve power, and the DRV pin
is pulled up to VCC.
For example, if the NTC thermistor requires the float voltage
to be dropped by 100mV (ADJ = VCC and 0.29•VNTCBIAS
< VNTC < 0.36•VNTCBIAS) then the HBO rising threshold
is detected when VCC rises past VFLOAT – ΔVFLOAT(NTC)
– VHBTH = 4.2V – 100mV – 40mV = 4.06V. The HBO falling
threshold in this case is detected when VCC falls below
VFLOAT – ΔVFLOAT(NTC) – VHBTH – VHBHY = 4.2V – 100mV
– 40mV – 100mV = 3.96V.
Low Battery Status Output: LBO
When the battery voltage drops below 3.2V, the LBO pin
pulls high. Otherwise, the LBO pin pulls low when the
battery voltage exceeds about 3.5V.
While the low battery condition persists, NTC and ADJ pins
are no longer sampled—the functions are disabled—and
total supply consumption for the LTC4070 drops to less
than 300nA (typ).


Similar Part No. - LTC4070IMS8EPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4070 LINER-LTC4070 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC4070 LINER-LTC4070 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC4070 LINER-LTC4070 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC4070 LINER-LTC4070 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
LTC4070 LINER-LTC4070 Datasheet
179Kb / 20P
   Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
More results

Similar Description - LTC4070IMS8EPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4070 LINER-LTC4070_15 Datasheet
224Kb / 16P
   Li-Ion/Polymer Shunt Battery Charger System
logo
Linear Integrated Syste...
LTC4071 LINEAR-LTC4071 Datasheet
247Kb / 18P
   Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Linear Technology
LTC4071 LINER-LTC4071_15 Datasheet
247Kb / 18P
   Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com