Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3865EFEPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3865EFEPBF
Description  Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3865EFEPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3865EFEPBF Datasheet HTML 1Page - Linear Technology LTC3865EFEPBF Datasheet HTML 2Page - Linear Technology LTC3865EFEPBF Datasheet HTML 3Page - Linear Technology LTC3865EFEPBF Datasheet HTML 4Page - Linear Technology LTC3865EFEPBF Datasheet HTML 5Page - Linear Technology LTC3865EFEPBF Datasheet HTML 6Page - Linear Technology LTC3865EFEPBF Datasheet HTML 7Page - Linear Technology LTC3865EFEPBF Datasheet HTML 8Page - Linear Technology LTC3865EFEPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC3865/LTC3865-1

3865f
Typical applicaTion
DescripTion
Dual, 2-Phase Synchronous
DC/DC Controller with
Pin Selectable Outputs
The LTC®3865/LTC3865-1 are high performance dual
synchronous step-down DC/DC switching regulator
controllers that drive all N-channel synchronous power
MOSFET stages. A constant frequency current mode
architecture allows a phase-lockable frequency of up to
770kHz. Power loss and noise are minimized by operating
the two controller output stages out of phase.
OPTI-LOOP® compensation allows the transient response
to be optimized over a wide range of output capacitance
and ESR values. Independent track/soft-start pins for
each controller ramp the output voltage during start-up.
Current foldback limits MOSFET heat dissipation during
short-circuit conditions. The MODE/PLLIN pin selects
among Burst Mode® operation, pulse-skipping mode,
and continuous inductor current mode. The output volt-
ages can be precisely programmed by pin strapping or
external resistors.
The LTC3865/LTC3865-1 are available in low profile (5mm
× 5mm) 32-pin QFN and 38-Lead thermally enhanced
TSSOP packages.
FeaTures
applicaTions
n
Dual, 180° Phased Controllers
n
2-Pin VID Output Voltage Programming from 0.6V
to 5V
n
High Efficiency: Up to 95%
n
RSENSE or DCR Current Sensing
n
Phase-Lockable Fixed Frequency 250kHz to 770kHz
n
Adjustable Current Limit
n
Dual N-Channel MOSFET Synchronous Drive
n
Wide VIN Range: 4.5V to 38V Operation
n
Adjustable Soft-Start Current Ramping or Tracking
n
Output OV Protection With Reverse Current Limit
n
Power Good Output Voltage Monitor
n
32-Pin 5mm
× 5mm QFN and 38-Lead TSSOP
Packages
n
DC Power Distribution Systems
High Efficiency 1.5V/15A, 1.2V/15A Step-Down Converter
0.1µF
0.47µH
1000pF
1000pF
1000pF
22µF
50V
10k
VOUT1
1.5V
15A
0.1µF
0.47µH
1000pF
100µF
15k
162k
VOUT2
1.2V
15A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
FREQ
SENSE1+
SENSE2+
SENSE1
SENSE2
VOSENSE1
VOSENSE2
ITH1
ITH2
VIN
INTVCC
TK/SS1
TK/SS2
VIN
4.5V TO 24V
3865 TA01a
0.1µF
100pF
0.1µF
LTC3865
VID11
VID12
VID21
VID22
4.7µF
100µF
COUT2,3
100pF
100Ω
100Ω
100Ω
100Ω
2.2Ω
1µF
2mΩ
2mΩ
+
COUT5,6
+
+
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.01
1
10
100
3865 TA01b
0
0.1
10
1
0.01
0.1
VIN = 12V
VOUT = 1.5V
EFFICIENCY
POWER LOSS
Efficiency and Power Loss
vs Load Current
L
, LT, LTC, LTM, Burst Mode, OPTI-LOOP, µModule, Linear Technology and the Linear logo
are registered trademarks and No RSENSE is a trademark of Linear Technology Corporation. All
other trademarks are the property of their respective owners. U.S. Patents, including 5481178,
5705919, 5929620, 6100678, 6144194, 6177787, 6304066, 6580258.


Similar Part No. - LTC3865EFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
More results

Similar Description - LTC3865EFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com