Electronic Components Datasheet Search |
|
LTC4070IDDB Datasheet(PDF) 11 Page - Linear Technology |
|
LTC4070IDDB Datasheet(HTML) 11 Page - Linear Technology |
11 / 16 page LTC4070 11 4070f APPLICATIONS INFORMATION points are found by looking up the curve 1 thermistor R/T values plus RFIX that correspond to the ratios for NTCTH1 = 36.5%, NTCTH2 = 29.0%, NTCTH3 = 22.8%, and NTCTH4 = 17.8%. Selecting RFIX = 3.92k results in trip points of 39.9°C, 49.4°C, 59.2°C and 69.6°C. Another technique may be used without adding an ad- ditional component. Instead decrease RNOM to adjust the NTCTH thresholds for a given R/T thermistor profile. For example, if RNOM = 88.7k (with the same 100k curve 1 thermistor) then the temperature trip points are 41.0°C, 49.8°C, 58.5°C, and 67.3°C. When using the NTC features of the LTC4070 it is important to keep in mind that the maximum shunt current increases as the float voltage, VFLOAT_EFFdropswithNTCconditioning. Reviewing the Typical Application with a 12V wall adapter in Figure 1; the input resistor, RIN, should be increased to 165Ω such that the maximum shunt current does not exceed 50mA at the lowest possible float voltage due to NTC conditioning, VFLOAT_MIN = 3.8V. Thermal Considerations At maximum shunt current, the LTC4070 may dissipate up to 205mW. The thermal dissipation of the package should be taken into account when operating at maximum shunt current so as not to exceed the absolute maximum junc- tion temperature of the device. With θJA of 40°C/W, in the MSOP package, at maximum shunt current of 50mA the junction temperature rise is about 8°C above ambient. With ΘJA of 76°C/W in the DFN package, at maximum shunt current of 50mA the junction temperature rise is about 16°C above ambient. Operation with an External PFET To Boost Shunt Current Table 2 lists recommended devices to increase the maximum shunt current. Due to the requirement for low capacitance on the DRV pin node, it is recommended that only low gate charge and high threshold PFET devices be used. Also it is recommended that careful PCB layout be used to keep leakage at the DRV pin to a minimum as the IDRV(SINK) current is typically 3μA. Refer to device manufacturers data sheets for maximum continuous power dissipation and thermal resistance when selecting an external PFET for a particular application. Table 2. Recommended External Shunt PFETS DEVICE VENDOR QGS VTH(MIN) RDS(ON) FDN352AP Fairchild 0.50nC –0.8V 0.33 Si3467DV Vishay 1.7nC –1.0V 0.073 Si3469DV Vishay 3.8nC –1.0V 0.041 DMP2130LDM Diodes Inc. 2.0nC –0.6V 0.094 DMP3015LSS Diodes Inc. 7.2nC –1.0V 0.014 |
Similar Part No. - LTC4070IDDB |
|
Similar Description - LTC4070IDDB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |