Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3890EUHTRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3890EUHTRPBF
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890EUHTRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3890EUHTRPBF Datasheet HTML 7Page - Linear Technology LTC3890EUHTRPBF Datasheet HTML 8Page - Linear Technology LTC3890EUHTRPBF Datasheet HTML 9Page - Linear Technology LTC3890EUHTRPBF Datasheet HTML 10Page - Linear Technology LTC3890EUHTRPBF Datasheet HTML 11Page - Linear Technology LTC3890EUHTRPBF Datasheet HTML 12Page - Linear Technology LTC3890EUHTRPBF Datasheet HTML 13Page - Linear Technology LTC3890EUHTRPBF Datasheet HTML 14Page - Linear Technology LTC3890EUHTRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC3890
11
3890f
OPERATION (Refer to the Functional Diagram)
Main Control Loop
The LTC3890 uses a constant frequency, current mode
step-down architecture with the two controller channels
operating 180 degrees out of phase. During normal op-
eration, each external top MOSFET is turned on when the
clock for that channel sets the RS latch, and is turned off
when the main current comparator, ICMP, resets the RS
latch. The peak inductor current at which ICMP trips and
resets the latch is controlled by the voltage on the ITH pin,
which is the output of the error amplifier, EA. The error
amplifier compares the output voltage feedback signal at
the VFB pin, (which is generated with an external resistor
divider connected across the output voltage, VOUT, to
ground) to the internal 0.800V reference voltage. When the
load current increases, it causes a slight decrease in VFB
relative to the reference, which causes the EA to increase
the ITH voltage until the average inductor current matches
the new load current.
After the top MOSFET is turned off each cycle, the bottom
MOSFET is turned on until either the inductor current starts
to reverse, as indicated by the current comparator IR, or
the beginning of the next clock cycle.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCCpin.When
the EXTVCC pin is left open or tied to a voltage less than
4.7V, the VIN LDO (low dropout linear regulator) supplies
5.1V from VIN to INTVCC. If EXTVCC is taken above 4.7V,
the VIN LDO is turned off and an EXTVCC LDO is turned on.
Once enabled, the EXTVCC LDO supplies 5.1V from EXTVCC
to INTVCC. Using the EXTVCC pin allows the INTVCC power
to be derived from a high efficiency external source such
as one of the LTC3890 switching regulator outputs.
Each top MOSFET driver is biased from the floating boot-
strap capacitor, CB, which normally recharges during each
cycle through an external diode when the top MOSFET
turns off. If the input voltage, VIN, decreases to a voltage
close to VOUT, the loop may enter dropout and attempt
to turn on the top MOSFET continuously. The dropout
detector detects this and forces the top MOSFET off for
about one twelfth of the clock period every tenth cycle to
allow CB to recharge.
Shutdown and Start-Up (RUN1, RUN2 and
TRACK/ SS1, TRACK/SS2 Pins)
The two channels of the LTC3890 can be independently
shut down using the RUN1 and RUN2 pins. Pulling either
of these pins below 1.2V shuts down the main control loop
for that controller. Pulling both pins below 0.7V disables
both controllers and most internal circuits, including the
INTVCC LDOs. In this state, the LTC3890 draws only 14μA
of quiescent current.
Releasing either RUN pin allows a small internal current
to pull up the pin to enable that controller. The RUN1
pin has a 7μA pull-up current while the RUN2 pin has
a smaller 0.5μA. The 7μA current on RUN1 is designed
to be large enough so that the RUN1 pin can be safely
floated (to always enable the controller) without worry of
condensation or other small board leakage pulling the pin
down. This is ideal for always-on applications where one
or both controllers are enabled continuously and never
shut down.
The RUN pin may be externally pulled up or driven directly
by logic. When driving the RUN pin with a low impedance
source, do not exceed the absolute maximum rating of
8V. The RUN pin has an internal 11V voltage clamp that
allows the RUN pin to be connected through a resistor to a
higher voltage (for example, VIN), so long as the maximum
current into the RUN pin does not exceed 100μA.
The start-up of each controller’s output voltage VOUT is
controlled by the voltage on the TRACK/SS pin for that
channel. When the voltage on the TRACK/SS pin is less
than the 0.8V internal reference, the LTC3890 regulates
the VFB voltage to the TRACK/SS pin voltage instead of the
0.8V reference. This allows the TRACK/SS pin to be used
to program a soft-start by connecting an external capacitor
from the TRACK/SS pin to SGND. An internal 1μA pull-up
current charges this capacitor creating a voltage ramp on
the TRACK/SS pin. As the TRACK/SS voltage rises linearly
from 0V to 0.8V (and beyond up to 5V), the output voltage
VOUT rises smoothly from zero to its final value.
Alternatively the TRACK/SS pin can be used to cause the
start-up of VOUT to track that of another supply. Typically,
this requires connecting to the TRACK/SS pin an external
resistor divider from the other supply to ground (see Ap-
plications Information section).


Similar Part No. - LTC3890EUHTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3890EGN-1 LINER-LTC3890EGN-1 Datasheet
504Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890EGN-1PBF LINER-LTC3890EGN-1PBF Datasheet
504Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890EGN-1TRPBF LINER-LTC3890EGN-1TRPBF Datasheet
504Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3890EUHTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1 Datasheet
504Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892-1 LINER-LTC3892-1_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com