Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4011 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4011
Description  High Efficiency Standalone Nickel Battery Charger
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4011 Datasheet(HTML) 4 Page - Linear Technology

  LTC4011_1 Datasheet HTML 1Page - Linear Technology LTC4011_1 Datasheet HTML 2Page - Linear Technology LTC4011_1 Datasheet HTML 3Page - Linear Technology LTC4011_1 Datasheet HTML 4Page - Linear Technology LTC4011_1 Datasheet HTML 5Page - Linear Technology LTC4011_1 Datasheet HTML 6Page - Linear Technology LTC4011_1 Datasheet HTML 7Page - Linear Technology LTC4011_1 Datasheet HTML 8Page - Linear Technology LTC4011_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC4011

4011fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TMAXC
Maximum Fast Charge Temperature
(Note 8)
VTEMP Decreasing, Fast Charge
57
60
63
°C
VTEMP(D)
VTEMP Disable Threshold Voltage
2.8
3.3
V
VTEMP(P)
Pause Threshold Voltage
130
280
mV
Charger Timing
∆tTIMER
Internal Time Base Error
–10
10
%
∆tMAX
Programmable Timer Error
RTIMER = 49.9k
–20
20
%
PowerPath Control
VFR
INFET Forward Regulation Voltage
DCIN – VCC
15
55
100
mV
VOL(INFET)
Output Voltage Low
VCC – INFET, No Load
3.75
5.2
7
V
VOH(INFET)
Output Voltage High
VCC – INFET, No Load
0
50
mV
tOFF(INFET)
INFET OFF Delay Time
CLOAD = 10nF, INFET to 50%
3
15
µs
Status and Chemistry Select
VOL
Output Voltage Low (ILOAD = 10mA)
VCDIV
All Other Status Outputs
●●
435
300
700
600
mV
mV
ILKG
Output Leakage Current
All Status Outputs Inactive, VOUT = VCC
–10
10
µA
IIH(VCDIV)
Input Current High
VCDIV = VBAT (Shutdown)
–1
1
µA
VIL
Input Voltage Low
CHEM (NiMH)
900
mV
VIH
Input Voltage High
CHEM (NiCd)
2.85
V
IIL
Input Current Low
CHEM = GND
–20
–5
µA
IIH
Input Current High
CHEM = 3.3V
–20
20
µA
elecTrical characTerisTics The
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, BAT = 4.8V, GND = PGND = 0V, unless otherwise noted.
Note1:StressesbeyondthoselistedunderAbsoluteMaximumRatings
maycausepermanentdamagetothedevice.ExposuretoanyAbsolute
MaximumRatingconditionforextendedperiodsmayaffectdevice
reliabilityandlifetime.
Note2:TheLTC4011Cisguaranteedtomeetperformancespecifications
from0°Cto70°C.Specificationsoverthe0°Cto85°Coperating
temperaturerangeareassuredbydesign,characterizationandcorrelation
withstatisticalprocesscontrols.
Note3:OperatingjunctiontemperatureTJ(in°C)iscalculatedfrom
theambienttemperatureTAandthetotalcontinuouspackagepower
dissipationPD(inwatts)bytheformula:
TJ=TAJA•PD
RefertotheApplicationsInformationsectionfordetails.ThisICincludes
overtemperatureprotectionthatisintendedtoprotectthedeviceduring
momentaryoverloadconditions.Junctiontemperaturewillexceed125°C
whenovertemperatureprotectionisactive.Continuousoperationabove
thespecifiedmaximumoperatingjunctiontemperaturemayresultin
devicedegradationorfailure.
Note4:Allcurrentintodevicepinsispositive.Allcurrentoutofdevice
pinsisnegative.AllvoltagesarereferencedtoGND,unlessotherwise
specified.
Note5:Theselimitsareguaranteedbycorrelationtowaferlevel
measurements.
Note6:Outputcurrentmaybelimitedbyinternalpowerdissipation.Refer
totheApplicationsInformationsectionfordetails.
Note7:EitherTGATEVOHmayapplyfor7.5V<VCC<9V.
Note8:Theselimitsapplyspecificallytothethermistornetworkshownin
Figure5intheApplicationsInformationsectionwiththevaluesspecified
fora10kNTC(
βof3750).LimitsarethenguaranteedbyspecificVTEMP
voltagemeasurementsduringtest.


Similar Part No. - LTC4011_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
More results

Similar Description - LTC4011_1

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
logo
Linear Technology
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011 Datasheet
227Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010_15 Datasheet
290Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com