Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3865IUH Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3865IUH
Description  Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3865IUH Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3865IUH Datasheet HTML 3Page - Linear Technology LTC3865IUH Datasheet HTML 4Page - Linear Technology LTC3865IUH Datasheet HTML 5Page - Linear Technology LTC3865IUH Datasheet HTML 6Page - Linear Technology LTC3865IUH Datasheet HTML 7Page - Linear Technology LTC3865IUH Datasheet HTML 8Page - Linear Technology LTC3865IUH Datasheet HTML 9Page - Linear Technology LTC3865IUH Datasheet HTML 10Page - Linear Technology LTC3865IUH Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC3865/LTC3865-1

3865f
Typical perForMance characTerisTics
Current Sense Threshold
vs ITH Voltage
Maximum Current Sense
Threshold vs Common Mode
Voltage
Maximum Current Sense
Threshold vs Duty Cycle
TK/SS Pull-Up Current
vs Temperature
Tracking Up and Down with
External Ramp
(Forced Continuous Mode)
Quiescent Current vs Input
Voltage without EXTVCC
INTVCC Line Regulation
Maximum Current Sense
Voltage vs Feedback Voltage
(Current Foldback)
VITH (V)
0
–40
–20
0
20
40
60
80
0.5
1
1.5
2
3865 G10
ILIM = INTVCC
ILIM = GND
ILIM = FLOAT
VSENSE COMMON MODE VOLTAGE (V)
0
30
40
50
3
5
20
10
0
1
2
4
60
70
80
3865 G11
ILIM = INTVCC
ILIM = GND
ILIM = FLOAT
60
80
100
40
20
50
70
90
30
10
0
DUTY CYCLE (%)
0
60
100
20
40
80
3865 G12
ILIM = INTVCC
ILIM = GND
ILIM = FLOAT
TK/SS1
TK/SS2
2V/DIV
VOUT1 = 1.5V
1 LOAD
500mV/DIV
VOUT2 = 1.2V
1 LOAD
500mV/DIV
20ms/DIV
3865 G07
INPUT VOLTAGE (V)
0
4.25
4.50
4.75
40
3865 G09
4.00
3.50
3.75
3.00
10
20
30
5
15
25
35
3.25
5.25
5.00
FEEDBACK VOLTAGE (V)
0
0
20
40
60
0.1
0.2
0.3
0.4
3865 G13
0.5
80
100
10
30
50
70
90
0.6
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND
TEMPERATURE (°C)
–50
1.75
25
3865 G14
1.00
0.50
–25
0
50
0.25
0
2.00
1.50
1.25
0.75
75
100 125
INPUT VOLTAGE (V)
5
10
0
2
5
15
25
30
3865 G08
1
4
3
20
35
40
VIN = 15V


Similar Part No. - LTC3865IUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
More results

Similar Description - LTC3865IUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com