Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3868 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3868
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3868 Datasheet HTML 5Page - Linear Technology LTC3868 Datasheet HTML 6Page - Linear Technology LTC3868 Datasheet HTML 7Page - Linear Technology LTC3868 Datasheet HTML 8Page - Linear Technology LTC3868 Datasheet HTML 9Page - Linear Technology LTC3868 Datasheet HTML 10Page - Linear Technology LTC3868 Datasheet HTML 11Page - Linear Technology LTC3868 Datasheet HTML 12Page - Linear Technology LTC3868 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTC3868

3868fb
pin FuncTions
RUN1, RUN2 (Pin 7, Pin 8):DigitalRunControlInputsfor
EachController.Forcingeitherofthesepinsbelow1.26V
shutsdownthatcontroller.Forcingbothofthesepinsbelow
0.7VshutsdowntheentireLTC3868,reducingquiescent
currenttoapproximately8µA.Donotfloatthesepins.
ILIM (Pin 28):CurrentComparatorSenseVoltageRange
Inputs.TyingthispintoSGND,FLOATorINTVCCsetsthe
maximumcurrentsensethresholdtooneofthreedifferent
levelsforbothcomparators.
INTVCC(Pin19):OutputoftheInternalLinearLowDropout
Regulator. The driver and control circuits are powered
fromthisvoltagesource.Mustbedecoupledtopower
groundwithaminimumof4.7µFceramicorotherlow
ESRcapacitor.DonotusetheINTVCCpinforanyother
purpose.
EXTVCC (Pin 20):ExternalPowerInputtoanInternalLDO
ConnectedtoINTVCC.ThisLDOsuppliesINTVCCpower,
bypassingtheinternalLDOpoweredfromVINwhenever
EXTVCCishigherthan4.7V.SeeEXTVCCConnectionin
theApplicationsInformationsection.Donotexceed14V
onthispin.
PGND (Pin 21):DriverPowerGround.Connectstothe
sourcesofbottom(synchronous)N-channelMOSFETs
andthe(–)terminal(s)ofCIN.
VIN (Pin 22):MainSupplyPin.Abypasscapacitorshould
betiedbetweenthispinandthesignalgroundpin.
BG1, BG2 (Pin 23, Pin 18): High Current Gate Drives
forBottom(Synchronous)N-ChannelMOSFETs.Voltage
swingatthesepinsisfromgroundtoINTVCC.
BOOST1,BOOST2(Pin24,Pin17):BootstrappedSupplies
totheTopsideFloatingDrivers.Capacitorsareconnected
betweentheBOOSTandSWpinsandSchottkydiodesare
tiedbetweentheBOOSTandINTVCCpins.Voltageswing
attheBOOSTpinsisfromINTVCCto(VIN+INTVCC).
SW1, SW2 (Pin 25, Pin 16):SwitchNodeConnections
toInductors.
TG1, TG2 (Pin 26, Pin 15):HighCurrentGateDrivesfor
TopN-ChannelMOSFETs.Thesearetheoutputsoffloat-
ingdriverswithavoltageswingequaltoINTVCC–0.5V
superimposedontheswitchnodevoltageSW.
PGOOD1, PGOOD2 (Pin 27, Pin 14):Open-DrainLogic
Output.PGOOD1,2ispulledtogroundwhenthevoltage
ontheVFB1,2pinisnotwithin±10%ofitssetpoint.
SS1, SS2 (Pin 29, Pin 13):ExternalSoft-StartInput.The
LTC3868regulatestheVFB1,2voltagetothesmallerof0.8V
orthevoltageontheSS1,2pin.Aninternal1µApull-up
currentsourceisconnectedtothispin.Acapacitorto
groundatthispinsetstheramptimetofinalregulated
outputvoltage.Thispinisalsousedastheshort-circuit
latchofftimer.
ITH1, ITH2 (Pin 30, Pin 12):ErrorAmplifierOutputsand
SwitchingRegulatorCompensationPoints.Eachassoci-
ated channel’s current comparator trip point increases
withthiscontrolvoltage.
VFB1,VFB2(Pin31,Pin11):Receivestheremotelysensed
feedback voltage for each controller from an external
resistivedivideracrosstheoutput.
SENSE1+, SENSE2+ (Pin 32, Pin 10):The(+)Inputtothe
differentialcurrentcomparatorsarenormallyconnected
toDCRsensingnetworksorcurrentsensingresistors.
TheITHpinvoltageandcontrolledoffsetsbetweenthe
SENSEandSENSE+pinsinconjunctionwithRSENSEset
thecurrenttripthreshold.


Similar Part No. - LTC3868

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3868 LINER-LTC3868 Datasheet
563Kb / 34P
   Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
LTC3868 LINER-LTC3868 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
563Kb / 34P
   Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
LTC3868-1 LINER-LTC3868-1 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3868

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com