Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3865-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3865-1
Description  Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3865-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3865-1 Datasheet HTML 7Page - Linear Technology LTC3865-1 Datasheet HTML 8Page - Linear Technology LTC3865-1 Datasheet HTML 9Page - Linear Technology LTC3865-1 Datasheet HTML 10Page - Linear Technology LTC3865-1 Datasheet HTML 11Page - Linear Technology LTC3865-1 Datasheet HTML 12Page - Linear Technology LTC3865-1 Datasheet HTML 13Page - Linear Technology LTC3865-1 Datasheet HTML 14Page - Linear Technology LTC3865-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC3865/LTC3865-1

3865f
FuncTional DiagraM
4.7V
+
+
VIN
1µA
SLOPE COMPENSATION
UVLO
SLOPE RECOVERY
ACTIVE CLAMP
OSC
S
R Q
3k
RUN
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
BG
ON
FCNT
0.6V
OV
1.2V
0.5V
ITH RC
INTVCC
INTVCC
ILIM
ICMP
CC1
SS
SGND
0.66V
VFB
RUN
PGND
PGOOD
INTVCC
EXTVCC
IREV
SW
TG
CB
VIN
CIN
VIN
SLEEP
BOOST
BURSTEN
+
+
UV
OV
CVCC
VOUT
COUT
M2
M1
L1
DB
MODE/PLLIN
SENSE+
SENSE
0.6V
REF
TK/SS
RUN
0.55V
FREQ/FREQ
7.5µA
PLL-SYNC
AND
LPF
MODE/SYNC
DETECT
+
5V
REG
1.3µA
CSS
+
VOSENSE
+
+
F
F
0.54V
VID1
VID2
3865 FBD
1
51k
ITHB
EA
INPUT VID LOGIC
AND
RESISTIVE DIVIDERS


Similar Part No. - LTC3865-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
More results

Similar Description - LTC3865-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com