Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3865-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3865-1
Description  Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3865-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3865-1 Datasheet HTML 6Page - Linear Technology LTC3865-1 Datasheet HTML 7Page - Linear Technology LTC3865-1 Datasheet HTML 8Page - Linear Technology LTC3865-1 Datasheet HTML 9Page - Linear Technology LTC3865-1 Datasheet HTML 10Page - Linear Technology LTC3865-1 Datasheet HTML 11Page - Linear Technology LTC3865-1 Datasheet HTML 12Page - Linear Technology LTC3865-1 Datasheet HTML 13Page - Linear Technology LTC3865-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTC3865/LTC3865-1
0
3865f
MODE/PLLIN (Pin 27/Pin 36): Force Continuous Mode,
BurstModeorPulse-SkipModeSelectionPinandExternal
Synchronization Input to Phase Detector Pin. Connect this
pin to SGND to force both channels in continuous mode of
operation.ConnecttoINTVCCtoenablepulse-skipmodeof
operation. Leaving the pin floating will enable Burst Mode
operation. A clock on the pin will force the controller into
continuousmodeofoperationandsynchronizetheinternal
oscillator with the clock on this pin.
FREQ (Pin 29/Pin 38): This pin sets the frequency of the
internal oscillator. A constant current of 7.5µA is flowing
out of this pin and a resistor connected to this pin sets
its DC voltage, which in turn, sets the frequency of the
internal oscillator.
RUN1, RUN2 (Pins 30, 11/Pins 1, 17): Run Control
Inputs. A voltage above 1.2V on either pin turns on the IC.
However, forcing either of these pins below 1.2V causes
the IC to shut down the circuitry required for that particular
channel. There are 1µA pull-up currents for these pins.
Once the RUN pin rises above 1.2V, an additional 4.5µA
pull-up current is added to the pin.
pin FuncTions (QFN/TSSOP)
SENSE1+, SENSE2+ (Pins 31, 10/Pins 2, 16): Current
Sense Comparator Inputs. The (+) inputs to the current
comparators are normally connected to DCR sensing
networks or current sensing resistors.
SENSE1, SENSE2(Pins 32, 9/Pin 3, 15): Current Sense
ComparatorInputs.The(–)inputstothecurrentcompara-
tors are connected to the outputs.
SGND (Pin 33/Pin 8): Signal Ground. All small-signal
components and compensation components should
connect to this ground, which in turn connects to PGND
at one point. Pin 33 is the Exposed Pad and available for
QFN package.
SGND (Exposed Pad Pin 33/ Exposed Pad Pin 39): Signal
Ground.MustbesolderedtoPCB,providingalocalground
for the control components of the IC, and be tied to the
PGND pin under the IC.
PGND1, PGND2 (NA/Pins 32, 26): Power Ground Pin.
Connect this pin closely to the sources of the bottom
N-channel MOSFETs, the (–) terminal of CVCC and the (–)
terminal of CIN.


Similar Part No. - LTC3865-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
More results

Similar Description - LTC3865-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com