Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3845EFETRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3845EFETRPBF
Description  High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3845EFETRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3845EFETRPBF Datasheet HTML 3Page - Linear Technology LT3845EFETRPBF Datasheet HTML 4Page - Linear Technology LT3845EFETRPBF Datasheet HTML 5Page - Linear Technology LT3845EFETRPBF Datasheet HTML 6Page - Linear Technology LT3845EFETRPBF Datasheet HTML 7Page - Linear Technology LT3845EFETRPBF Datasheet HTML 8Page - Linear Technology LT3845EFETRPBF Datasheet HTML 9Page - Linear Technology LT3845EFETRPBF Datasheet HTML 10Page - Linear Technology LT3845EFETRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3845
7
3845fd
BG: The BG pin is the gate drive for the bottom N-channel
MOSFET. Since very fast high currents are driven from
this pin, connect it to the gate of the power MOSFET
with a short and wide, typically 0.02" width, PCB trace to
minimize inductance.
BOOST: The BOOST pin is the supply for the bootstrapped
gate drive and is externally connected to a low ESR ceramic
boost capacitor referenced to SW pin. The recommended
value of the BOOST capacitor, CBOOST, is at least 50 times
greaterthanthetotalgatecapacitanceofthetopsideMOSFET.
In most applications 0.1μF is adequate. The maximum volt-
age that this pin sees is VIN + VCC, ground referred.
BURST_EN: Burst Mode Operation Enable Pin. This pin
also controls reverse-current inhibit mode of operation.
When the pin voltage is below 0.5V, Burst Mode operation
and reverse-current inhibit functions are enabled. When
the pin voltage is above 0.5V, Burst Mode operation is dis-
abled, but reverse-current inhibit operation is maintained.
In this mode of operation (BURST_EN = VFB) there is a
1mA minimum load requirement. Reverse-current inhibit
is disabled when the pin voltage is above 2.5V. This pin is
typically shorted to ground to enable Burst Mode operation
and reverse-current inhibit, shorted to VFB to disable Burst
Mode operation while enabling reverse-current inhibit,
and connected to VCC pin to disable both functions. See
Applications Information section.
CSS: The soft-start pin is used to program the supply soft-
start function. Use the following formula to calculate CSS
for a given output voltage slew rate:
CSS = 2μA(tSS/1.231V)
The pin should be left unconnected when not using the
soft-start function.
fSET: The fSET pin programs the oscillator frequency with an
external resistor, RSET. The resistor is required even when
supplying external sync clock signal. See the Applications
Information section for resistor value selection details.
PGND: The PGND pin is the high-current ground reference
for internal low side switch driver and the VCC regulator
circuit. Connect the pin directly to the negative terminal of
the VCC decoupling capacitor. See the Application Informa-
tion section for helpful hints on PCB layout of grounds.
SENSE:
The SENSEpin is the negative input for the
current sense amplifier and is connected to the VOUT
side of the sense resistor for step-down applications. The
sensed inductor current limit is set to ±100mV across the
SENSE inputs.
SENSE+:
The SENSE+ pin is the positive input for the
current sense amplifier and is connected to the inductor
side of the sense resistor for step-down applications. The
sensed inductor current limit is set to ±100mV across the
SENSE inputs.
SGND: The SGND pin is the low noise ground reference.
It should be connected to the –VOUT side of the output
capacitors. Careful layout of the PCB is necessary to keep
high currents away from this SGND connection. See the
Application Information section for helpful hints on PCB
layout of grounds.
SHDN: The SHDN pin has a precision IC enable threshold
of 1.35V (rising) with 120mV of hysteresis. It is used to
implement an undervoltage lockout (UVLO) circuit. See
Application Information section for implementing a UVLO
function. When the SHDN pin is pulled below a transistor
VBE (0.7V), a low current shutdown mode is entered, all
internal circuitry is disabled and the VIN supply current
is reduced to approximately 9μA. Typical pin input bias
current is <10nA and the pin is internally clamped to 6V.
If the function is not used, this pin may be tied to VIN
through a high value resistor.
SW: Reference for VBOOST Supply and High Current Return
for Bootstrapped Switch.
SYNC: The Sync pin provides an external clock input for
synchronization of the internal oscillator. RSET is set such
that the internal oscillator frequency is 10% to 25% below
the external clock frequency. If unused the Sync pin is
connected to SGND. For more information see “Oscillator
Sync” in the Application Information section of this data
sheet. Sync pin not available in PDIP package.
PIN FUNCTIONS


Similar Part No. - LT3845EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845EFE-PBF LINER-LT3845EFE-PBF Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845EFE-TRPBF LINER-LT3845EFE-TRPBF Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
More results

Similar Description - LT3845EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LTC3775 LINER-LTC3775 Datasheet
409Kb / 32P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
LTC3775 LINER-LTC3775_15 Datasheet
545Kb / 34P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
logo
Maxim Integrated Produc...
MAX8650 MAXIM-MAX8650 Datasheet
367Kb / 25P
   4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
Rev 0; 1/06
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com