Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5LS20106SZWTTQ1R Datasheet(PDF) 10 Page - Texas Instruments

Part # S5LS20106SZWTTQ1R
Description  16/32-BIT RISC Flash Microcontroller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

S5LS20106SZWTTQ1R Datasheet(HTML) 10 Page - Texas Instruments

Back Button S5LS20106SZWTTQ1R Datasheet HTML 6Page - Texas Instruments S5LS20106SZWTTQ1R Datasheet HTML 7Page - Texas Instruments S5LS20106SZWTTQ1R Datasheet HTML 8Page - Texas Instruments S5LS20106SZWTTQ1R Datasheet HTML 9Page - Texas Instruments S5LS20106SZWTTQ1R Datasheet HTML 10Page - Texas Instruments S5LS20106SZWTTQ1R Datasheet HTML 11Page - Texas Instruments S5LS20106SZWTTQ1R Datasheet HTML 12Page - Texas Instruments S5LS20106SZWTTQ1R Datasheet HTML 13Page - Texas Instruments S5LS20106SZWTTQ1R Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
TMS570LS20216, TMS570LS20206, TMS570LS10216
TMS570LS10206, TMS570LS10116, TMS570LS10106
SPNS141 – MARCH 2010
www.ti.com
2.2.2
Flash Memory
The F035 (130nm Flash Process) Flash memory is a nonvolatile electrically erasable and programmable
memory. The Flash has a state machine for simplifying the program and erase functions.
This device’s 2M-byte flash memory contains four 512K-byte memory arrays (or banks) consisting of 22
total sectors. 1M-byte versions of the device contain only the first two 512K-byte banks (Bank 0 and Bank
1) and have a total of 14 sectors. The bank and sector configurations are shown in Flash Memory Banks
and Sectors . When in pipeline mode, the Flash operates with a system clock frequency of up to 160MHz
(versus a system clock in non-pipeline mode of up to 36MHz). The flash in pipeline mode is capable of
accessing 128 bits at a time and provides two 64-bit pipelined words to the CPU. The minimum size for an
erase operation is one sector. A single program operation can program either one 32-bit word or one
16-bit half word at a time.
Table 2-2. Flash Memory Banks and Sectors
MEMORY ARRAYS (OR
Sector NO.
Segment
Low Address
High address
BANKS)
Bank 0: 512K Bytes
0
32K Bytes
0x0000_0000
0x0000_7FFF
1
32K Bytes
0x0000_8000
0x0000_FFFF
2
32K Bytes
0x0001_0000
0x0001_7FFF
3
8K Bytes
0x0001_8000
0x0001_9FFF
4
8K Bytes
0x0001_A000
0x0001_BFFF
BANK0 (512k Bytes)
5
16K Bytes
0x0001_C000
0x0001_FFFF
6
64K Bytes
0x0002_0000
0x0002_FFFF
7
64K Bytes
0x0003_0000
0x0003_FFFF
8
128K Bytes
0x0004_0000
0x0005_FFFF
9
128K Bytes
0x0006_0000
0x0007_FFFF
Bank 1: 512K Bytes
0
128K Bytes
0x0008_0000
0x0009_FFFF
1
128K Bytes
0x000A_0000
0x000B_FFFF
BANK1 (512k Bytes)
2
128K Bytes
0x000C_0000
0x000D_FFFF
3
128K Bytes
0x000E_0000
0x000F_FFFF
Bank 2: 512K Bytes
0
128K Bytes
0x0010_0000
0x0011_FFFF
1
128K Bytes
0x0012_0000
0x0013_FFFF
BANK2 (512k Bytes)
2
128K Bytes
0x0014_0000
0x0015_FFFF
3
128K Bytes
0x0016_0000
0x0017_FFFF
Bank 3: 512K Bytes
0
128K Bytes
0x0018_0000
0x0019_FFFF
1
128K Bytes
0x001A_0000
0x001B_FFFF
BANK3 (512k Bytes)
2
128K Bytes
0x001C_0000
0x001D_FFFF
3
128K Bytes
0x001E_0000
0x001F_FFFF
NOTE
The external flash pump voltage (VccP) is required for all flash operations (program, erase,
and read).
NOTE
After a system reset, pipeline mode is disabled (FRDCNTL[2:0] is a "000"). In other words,
the device powers up and comes out of reset in non-pipeline mode.
10
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS570LS20216 TMS570LS20206 TMS570LS10216 TMS570LS10206 TMS570LS10116
TMS570LS10106


Similar Part No. - S5LS20106SZWTTQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S5LS20206ASGWTMEP TI1-S5LS20206ASGWTMEP Datasheet
933Kb / 106P
[Old version datasheet]   TMS570LS Series 16/32-BIT RISC Flash Microcontroller
S5LS20206ASGWTMEP TI1-S5LS20206ASGWTMEP Datasheet
972Kb / 107P
[Old version datasheet]   Series 16/32-BIT RISC Flash Microcontroller
S5LS20206ASPGEMEP TI1-S5LS20206ASPGEMEP Datasheet
933Kb / 106P
[Old version datasheet]   TMS570LS Series 16/32-BIT RISC Flash Microcontroller
S5LS20206ASPGEMEP TI1-S5LS20206ASPGEMEP Datasheet
972Kb / 107P
[Old version datasheet]   Series 16/32-BIT RISC Flash Microcontroller
S5LS20206ASPGEQQ1 TI1-S5LS20206ASPGEQQ1 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
More results

Similar Description - S5LS20106SZWTTQ1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com