Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3801 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3801
Description  Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3801 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3801_1 Datasheet HTML 4Page - Linear Technology LTC3801_1 Datasheet HTML 5Page - Linear Technology LTC3801_1 Datasheet HTML 6Page - Linear Technology LTC3801_1 Datasheet HTML 7Page - Linear Technology LTC3801_1 Datasheet HTML 8Page - Linear Technology LTC3801_1 Datasheet HTML 9Page - Linear Technology LTC3801_1 Datasheet HTML 10Page - Linear Technology LTC3801_1 Datasheet HTML 11Page - Linear Technology LTC3801_1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC3801/LTC3801B
sn3801 3801fs
APPLICATIO S I FOR ATIO
Foldback Current Limiting
As described in the Output Diode Selection, the worst-
case dissipation occurs with a short-circuited output
when the diode conducts the current limit value almost
continuously. To prevent excessive heating in the diode,
foldback current limiting can be added to reduce the
current in proportion to the severity of the fault.
Foldback current limiting is implemented by adding di-
odes DFB1 and DFB2 between the output and the ITH/RUN
pin as shown in Figure 5. In a hard short (VOUT = 0V), the
current will be reduced to approximately 50% of the
maximum output current.
Figure 5. Foldback Current Limiting
VFB
ITH/RUN
VOUT
LTC3801/
LTC3801B
R1
3801 F05
R2
DFB1
DFB2
+
PACKAGE DESCRIPTIO
S6 Package
6-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1636)
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45
6 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S6 TSOT-23 0302
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC3801_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results

Similar Description - LTC3801_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
252Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com