Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3801 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3801
Description  Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3801 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3801_1 Datasheet HTML 4Page - Linear Technology LTC3801_1 Datasheet HTML 5Page - Linear Technology LTC3801_1 Datasheet HTML 6Page - Linear Technology LTC3801_1 Datasheet HTML 7Page - Linear Technology LTC3801_1 Datasheet HTML 8Page - Linear Technology LTC3801_1 Datasheet HTML 9Page - Linear Technology LTC3801_1 Datasheet HTML 10Page - Linear Technology LTC3801_1 Datasheet HTML 11Page - Linear Technology LTC3801_1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC3801/LTC3801B
sn3801 3801fs
APPLICATIO S I FOR ATIO
surface mount configurations. In the case of tantalum, it is
critical that the capacitors are surge tested for use in
switching power supplies. An excellent choice is the AVX
TPS, AVX TPSV and KEMET T510 series of surface mount
tantalum, available in case heights ranging from 2mm to
4mm. Other capacitor types include Sanyo OS-CON,
Nichicon PL series and Panasonic SP.
Setting Output Voltage
The LTC3801/LTC3801B develop a 0.8V reference voltage
between the feedback (Pin 3) terminal and ground (see
Figure 4). By selecting resistor R1, a constant current is
caused to flow through R1 and R2 to set the overall output
voltage. The regulated output voltage is determined by:
V
R
R
OUT =+


08 1
2
1
.
For most applications, an 80k resistor is suggested for R1.
In applications where low no-load quiescent current is
critical, R1 should be made >400k to limit the feedback
divider current to approximately 10% of the chip quiescent
current. If R2 then results in a very high impedance, it may
be beneficial to bypass R2 with a 5pF to 10pF capacitor. To
prevent stray pickup, locate resistors R1 and R2 close to
LTC3801/LTC3801B.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC3801/LTC3801B circuits: 1) LTC3801/
LTC3801B DC bias current, 2) MOSFET gate charge cur-
rent, 3) I2R losses and 4) voltage drop of the output diode.
1. The VIN current is the DC supply current, given in the
electrical characteristics, that excludes MOSFET driver
and control currents. VIN current results in a small loss
which increases with VIN.
2. MOSFET gate charge current results from switching the
gate capacitance of the power MOSFET. Each time a
MOSFET gate is switched from low to high to low again,
a packet of charge dQ moves from VIN to ground. The
resulting dQ/dt is a current out of VIN which is typically
much larger than the DC supply current. In continuous
mode, IGATECHG = (f)(dQ).
3. I2R losses are predicted from the DC resistances of the
MOSFET, inductor and current shunt. In continuous
mode the average output current flows through L but is
“chopped” between the P-channel MOSFET (in series
with RSENSE) and the output diode. The MOSFET RDS(ON)
plus RSENSE multipliedbydutycyclecanbesummedwith
the resistances of L and RSENSE to obtain I2R losses.
4. The output diode is a major source of power loss at high
currents and gets worse at high input voltages. The
diode loss is calculated by multiplying the forward
voltage times the diode duty cycle multiplied by the load
current. For example, assuming a duty cycle of 50%
with a Schottky diode forward voltage drop of 0.4V, the
loss increases from 0.5% to 8% as the load current
increases from 0.5A to 2A.
5. Transition losses apply to the external MOSFET and
increase at higher operating frequencies and input
voltages. Transition losses can be estimated from:
Transition Loss = 2(VIN)2IO(MAX)CRSS(f)
Other losses including CIN and COUT ESR dissipative
losses, and inductor core losses, generally account for
less than 2% total additional loss.
Figure 4. Setting Output Voltage
3
VFB
VOUT
LTC3801/
LTC3801B
R1
3801 F04
R2
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (
η1 + η2 + η3 + ...)
where
η1, η2, etc. are the individual losses as a percent-
age of input power.


Similar Part No. - LTC3801_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results

Similar Description - LTC3801_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
252Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com