Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3686IDDPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3686IDDPBF
Description  37V/1.2A Step-Down Regulator in 3mm3mm DFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3686IDDPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3686IDDPBF Datasheet HTML 7Page - Linear Technology LT3686IDDPBF Datasheet HTML 8Page - Linear Technology LT3686IDDPBF Datasheet HTML 9Page - Linear Technology LT3686IDDPBF Datasheet HTML 10Page - Linear Technology LT3686IDDPBF Datasheet HTML 11Page - Linear Technology LT3686IDDPBF Datasheet HTML 12Page - Linear Technology LT3686IDDPBF Datasheet HTML 13Page - Linear Technology LT3686IDDPBF Datasheet HTML 14Page - Linear Technology LT3686IDDPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3686

3686fa
ApplicAtions inForMAtion
Figure 3. Continuous Mode Operation Near Minimum On Time
When the required on time decreases below the typical
minimum on time of 100ns, instead of the switch pulse
width becoming narrower to accommodate the lower duty
cycle requirement, the switch pulse width remains fixed at
100ns. The inductor current ramps up to a value exceed-
ing the load current and the output ripple increases. The
part then remains off until the output voltage dips below
the programmed value before it begins switching again
(Figure 4).
Provided that the load can tolerate the increased output
voltagerippleandthatthecomponentshavebeenproperly
selected,operationwhilepulseskippingissafeandwillnot
damagethepart.Astheinputvoltageincreases,theinductor
current ramps up quicker, the number of skipped pulses
increases, and the output voltage ripple increases.
Inductor current may reach current limit when operating
in pulse skip mode with small valued inductors. In this
case, the LT3686 will periodically reduce its frequency to
keep the inductor valley current to 1.7A (Figure 5). Peak
Figure 4. Pulse Skip Occurs When Required On Time Is
Below 100ns
The maximum input voltage is determined by the absolute
maximum ratings of the VIN and BOOST pins. For fixed
frequency operation, the maximum input voltage is de-
termined by the minimum duty cycle DCMIN:
VIN(MAX) =
VOUT + VD
DCMIN
– VD + VSW
DCMIN can be adjusted with frequency. Note that this is a
restrictionontheoperatinginputvoltageforfixedfrequency
operation; the circuit will tolerate transient inputs up to the
absolute maximum ratings of the VIN and BOOST pins.
Minimum On Time
As the input voltage is increased, the LT3686 is required
to switch for shorter periods of time. Delays associated
with turning off the power switch dictate the minimum on
time of the part. The minimum on time for the LT3686 is
100ns (Figure 3).
VIN = 18V
VOUT = 3.3V
L = 6.8µH
COUT = 22µF
ILOAD = 1.2mA
VOUT
100mV/DIV
AC
VSW
10V/DIV
IL
500mA/DIV
500ns/DIV
3686 F03
VIN = 35V
VOUT = 3.3V
L = 6.8µH
COUT = 22µF
IOUT = 300mA
VSW
20V/DIV
IL
500mA/DIV
VOUT
100mA/DIV
AC
2µs/DIV
3686 F04


Similar Part No. - LT3686IDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
More results

Similar Description - LT3686IDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com