Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3652EDDTRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3652EDDTRPBF
Description  Power Tracking 2A Battery Charger for Solar Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3652EDDTRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3652EDDTRPBF Datasheet HTML 3Page - Linear Technology LT3652EDDTRPBF Datasheet HTML 4Page - Linear Technology LT3652EDDTRPBF Datasheet HTML 5Page - Linear Technology LT3652EDDTRPBF Datasheet HTML 6Page - Linear Technology LT3652EDDTRPBF Datasheet HTML 7Page - Linear Technology LT3652EDDTRPBF Datasheet HTML 8Page - Linear Technology LT3652EDDTRPBF Datasheet HTML 9Page - Linear Technology LT3652EDDTRPBF Datasheet HTML 10Page - Linear Technology LT3652EDDTRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3652
7
3652fb
PIN FUNCTIONS
VIN (Pin 1): Charger Input Supply. VIN operating range
is 4.95V to 32V. VIN must be 3.3V greater than the pro-
grammed output battery float voltage (VBAT(FLT)) for reli-
able start-up. (VIN – VBAT(FLT)) ≥ 0.75V is the minimum
operating voltage, provided (VBOOST – VSW) ≥ 2V. IVIN ~
85μA after charge termination.
VIN_REG (Pin 2): Input Voltage Regulation Reference.
Maximum charge current is reduced when this pin is below
2.7V. Connecting a resistor divider from VIN to this pin
enables programming of minimum operational VINvoltage.
This is typically used to program the peak power voltage
for a solar panel. The LT3652 servos the maximum charge
current required to maintain the programmed operational
VIN voltage, through maintaining the voltage on VIN_REG
at or above 2.7V. If the voltage regulation feature is not
used, connect the pin to VIN.
SHDN (Pin 3): Precision Threshold Shutdown Pin. The
enable threshold is 1.2V (rising), with 120mV of input
hysteresis. When in shutdown mode, all charging functions
are disabled. The precision threshold allows use of the
SHDN pin to incorporate UVLO functions. If the SHDN pin
is pulled below 0.4V, the IC enters a low current shutdown
mode where VIN current is reduced to 15μA. Typical SHDN
pin input bias current is 10nA. If the shutdown function
is not desired, connect the pin to VIN.
CHRG (Pin 4): Open-Collector Charger Status Output;
typically pulled up through a resistor to a reference volt-
age. This status pin can be pulled up to voltages as high
as VIN when disabled, and can sink currents up to 10mA
when enabled. During a battery charging cycle, if required
charge current is greater than 1/10 of the programmed
maximum current (C/10), CHRG is pulled low. A tem-
perature fault also causes this pin to be pulled low. After
C/10 charge termination or, if the internal timer is used
for termination and charge current is less than C/10, the
CHRG pin remains high-impedance.
FAULT (Pin 5): Open-Collector Charger Status Output;
typically pulled up through a resistor to a reference volt-
age. This status pin can be pulled up to voltages as high
as VIN when disabled, and can sink currents up to 10mA
when enabled. This pin indicates fault conditions during a
battery charging cycle. A temperature fault causes this pin
to be pulled low. If the internal timer is used for termina-
tion, a bad battery fault also causes this pin to be pulled
low. If no fault conditions exist, the FAULT pin remains
high-impedance.
TIMER (Pin 6): End-Of-Cycle Timer Programming Pin.
If a timer-based charge termination is desired, connect
a capacitor from this pin to ground. Full charge end-of-
cycle time (in hours) is programmed with this capacitor
following the equation:
tEOC = CTIMER • 4.4 • 106
A bad battery fault is generated if the battery does not
achieve the precondition threshold voltage within one-
eighth of tEOC, or:
tPRE = CTIMER • 5.5 • 105
A 0.68μF capacitor is typically used, which generates a
timer EOC at three hours, and a precondition limit time of
22.5 minutes. If a timer-based termination is not desired,
the timer function is disabled by connecting the TIMER
pin to ground. With the timer function disabled, charging
terminates when the charge current drops below a C/10
threshold, or ICHG(MAX)/10
VFB(Pin7):BatteryFloatVoltageFeedbackReference. The
charge function operates to achieve a final float voltage of
3.3V on this pin. Output battery float voltage (VBAT(FLT))
is programmed using a resistor divider. VBAT(FLT) can be
programmed up to 14.4V.
The auto-restart feature initiates a new charging cycle
when the voltage at the VFB pin falls 2.5% below the float
voltage reference.
The VFB pin input bias current is 110nA. Using a resistor
divider with an equivalent input resistance at the VFB pin
of 250k compensates for input bias current error.
Required resistor values to program desired VBAT(FLT)
follow the equations:
R1 = (VBAT(FLT) • 2.5 • 105)/3.3
(Ω)
R2 = (R1 • 2.5 • 105)/(R1 - (2.5 • 105))
(Ω)
R1 is connected from BAT to VFB, and R2 is connected
from VFB to ground.


Similar Part No. - LT3652EDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3652 LINER-LT3652 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LT3652 LINER-LT3652 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3652 LINER-LT3652 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LT3652 AD-LT3652 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LT3652 AD-LT3652 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
More results

Similar Description - LT3652EDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3652 LINER-LT3652_15 Datasheet
280Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652HV LINER-LT3652HV_15 Datasheet
302Kb / 24P
   Power Tracking 2A Battery Charger
LT3652HV LINER-LT3652HV Datasheet
256Kb / 24P
   Power Tracking 2A Battery Charger
LTM8062 LINER-LTM8062 Datasheet
587Kb / 20P
   32VIN, 2A 關Module Power Tracking Battery Charger
LT3652HVEDD LINER-LT3652HVEDD Datasheet
108Kb / 6P
   17.7V to 34V Input SLA 2A Battery Charger For Solar Power
LTM8062 LINER-LTM8062_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
LTM8062A LINER-LTM8062A_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
logo
Ultralife Corporation.
URB12550 ULTRALIFE-URB12550 Datasheet
334Kb / 2P
   Solar power battery
Rev: D
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com