Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3686IDDTRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3686IDDTRPBF
Description  37V/1.2A Step-Down Regulator in 3mm3mm DFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3686IDDTRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3686IDDTRPBF Datasheet HTML 6Page - Linear Technology LT3686IDDTRPBF Datasheet HTML 7Page - Linear Technology LT3686IDDTRPBF Datasheet HTML 8Page - Linear Technology LT3686IDDTRPBF Datasheet HTML 9Page - Linear Technology LT3686IDDTRPBF Datasheet HTML 10Page - Linear Technology LT3686IDDTRPBF Datasheet HTML 11Page - Linear Technology LT3686IDDTRPBF Datasheet HTML 12Page - Linear Technology LT3686IDDTRPBF Datasheet HTML 13Page - Linear Technology LT3686IDDTRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT3686
0
3686fa
Input Voltage Range
TheinputvoltagerangefortheLT3686applicationsdepends
ontheoutputvoltageandontheabsolutemaximumratings
of the VIN and BOOST pins. The minimum input voltage
is determined by either the LT3686’s minimum operating
voltage of 3.6V, or by its maximum duty cycle.
The duty cycle is the fraction of time that the internal
switch is on and is determined by the input and output
voltages:
DC
=
VOUT + VD
VIN – VSW + VD
Where VD is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.67V at maximum load). This leads to a minimum input
voltage of:
VIN(MIN)=
VOUT + VD
DCMAX
– VD + VSW
DCMAX can be adjusted with frequency.
The boost capacitor is charged with the energy stored in
the inductor, the circuit will rely on some minimum load
current to sustain the charge across the boost capacitor.
ApplicAtions inForMAtion
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
R1=R2
VOUT
0.8V
– 1
⎝⎜
⎠⎟
R2 should be 20k or less to avoid bias current errors.
Reference designators refer to the Block Diagram.
Programmable Undervoltage Lockout
The EN/UVLO pin can be programmed by an external re-
sistor divider between VIN and the EN/UVLO pin. Choose
the resistors according to:
R4
=R5
VIN
1.27V
– 1
R4 also sets the hysteresis voltage for the programmable
UVLO:
Hysteresis = R4 • 2.4µA
OnceVINdropsbelowtheprogrammedvoltage,theLT3686
will enter a low quiescent current state (IQ ≈ 15µA). To
shutdown the LT3686 completely (IQ < 2µA), reduce EN/
UVLO pin voltage to below 0.4V.
Figure 1. IQ vs VEN/UVLO (VIN = 10V)
Figure 2. EN/UVLO Pin Current
EN/UVLO (V)
1
10
1000
100
0
1
2
3
4
5
6
7
3686 F01
0.1
10000
8
EN/UVLO (V)
5
10
20
25
30
35
40
15
0
10
20
30
40
50
3686 F02
0
45


Similar Part No. - LT3686IDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
More results

Similar Description - LT3686IDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com