Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3652IDDPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3652IDDPBF
Description  Power Tracking 2A Battery Charger for Solar Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3652IDDPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3652IDDPBF Datasheet HTML 2Page - Linear Technology LT3652IDDPBF Datasheet HTML 3Page - Linear Technology LT3652IDDPBF Datasheet HTML 4Page - Linear Technology LT3652IDDPBF Datasheet HTML 5Page - Linear Technology LT3652IDDPBF Datasheet HTML 6Page - Linear Technology LT3652IDDPBF Datasheet HTML 7Page - Linear Technology LT3652IDDPBF Datasheet HTML 8Page - Linear Technology LT3652IDDPBF Datasheet HTML 9Page - Linear Technology LT3652IDDPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LT3652
6
3652fb
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Charge Current
(VSENSE–VBAT) vs Temperature
Thermal Foldback – Maximum
Charge Current (VSENSE–VBAT)
vs Temperature
CC/CV Charging; BAT Pin Bias
Current vs VBAT
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50
99.0
99.2
99.6
99.8
100.0
101.0
100.4
0
50
75
3652 G07
99.4
100.6
100.8
100.2
–25
25
100
125
VFB = 3V
TEMPERATURE (°C)
0
40
80
20
60
100
120
45
65
85
105
125
35
135
25
55
75
95
115
3652 G08
VBAT (V)
0
–0.4
0.0
0.4
0.8
2.2
1.6
1
2
2.5
2.0
1.2
–0.2
0.2
0.6
1.0
1.8
1.4
0.5
1.5
3
3652 G09
VBAT(FLT)
VIN_REG (V)
2.65
0
20
80
60
40
2.67
2.69 2.7
3652 G10
100
2.66
2.68
2.72
2.71
2.73 2.74 2.75
VBAT(FLT) (V)
02
0
8
6
10
12
16
3652 G11
4
2
6
4
8
10
12
14
TIME (MINUTES)
0
0
0.5
2.0
2.5
1.5
1.0
40
80 100
3652 G12
3.0
35
45
75
65
55
95
85
20
60
140
120
160 180 200
CHARGE
CURRENT
EFFICIENCY
POWER
LOSS
VIN = 20V
Maximum Charge Current
(VSENSE–VBAT) vs VIN_REG Voltage
VFLOAT Programming Resistor
Current vs VFLOAT for 2-Resistor
Network
Charge Current, Efficiency, and
Power Loss vs Time
(ICHG(MAX) = 2A; VFLOAT = 8.2V)
Charger Efficiency vs Battery
Voltage (ICHG = 2A)
VBAT (V)
70
76
80
82
84
86
88
74
72
78
90
57
9
11
13
414 15
36
8
10
12
3652 G13
VIN = 20V WITH INPUT BLOCKING DIODE


Similar Part No. - LT3652IDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3652 LINER-LT3652 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LT3652 LINER-LT3652 Datasheet
477Kb / 40P
   High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3652 LINER-LT3652 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LT3652 AD-LT3652 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LT3652 AD-LT3652 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
More results

Similar Description - LT3652IDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3652 LINER-LT3652_15 Datasheet
280Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652HV LINER-LT3652HV_15 Datasheet
302Kb / 24P
   Power Tracking 2A Battery Charger
LT3652HV LINER-LT3652HV Datasheet
256Kb / 24P
   Power Tracking 2A Battery Charger
LTM8062 LINER-LTM8062 Datasheet
587Kb / 20P
   32VIN, 2A 關Module Power Tracking Battery Charger
LT3652HVEDD LINER-LT3652HVEDD Datasheet
108Kb / 6P
   17.7V to 34V Input SLA 2A Battery Charger For Solar Power
LTM8062 LINER-LTM8062_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
LTM8062A LINER-LTM8062A_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
logo
Ultralife Corporation.
URB12550 ULTRALIFE-URB12550 Datasheet
334Kb / 2P
   Solar power battery
Rev: D
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com