Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3640EFETRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3640EFETRPBF
Description  Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3640EFETRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3640EFETRPBF Datasheet HTML 5Page - Linear Technology LT3640EFETRPBF Datasheet HTML 6Page - Linear Technology LT3640EFETRPBF Datasheet HTML 7Page - Linear Technology LT3640EFETRPBF Datasheet HTML 8Page - Linear Technology LT3640EFETRPBF Datasheet HTML 9Page - Linear Technology LT3640EFETRPBF Datasheet HTML 10Page - Linear Technology LT3640EFETRPBF Datasheet HTML 11Page - Linear Technology LT3640EFETRPBF Datasheet HTML 12Page - Linear Technology LT3640EFETRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3640
9
3640p
BLOCK DIAGRAM
3640 BD
+
+
gm2
VREF
600mV
VOUT2
VOUT1
VC2
VC1
100k
2μA
R2
FB1
SS1
EN/
UVLO
ENABLE
5.5V
BST
SW
SW1
DRIVER
L1
L2
DA
RT
SYNC
SW2
R1
+
2μA
2μA
+
+
gm1
2μA
+
2μA
+
A4
A8
+
A3
+
A2
+
A1
+
A7
A9
R4
FB2
50mV
PGOOD
R3
SS2
CPOR
VREF
1.265V
RAMP
GENERATOR
POR TIMER
WATCHDOG
TIMER
OSCILLATOR
S
LOGIC
CIRCUIT
RQ
S
RQ
+
A6
+
A5
VIN
CIN
VOUT1
VOUT2
VIN2
CIN2
CBST
COUT1
COUT2
DBST
Q1
D1
EN2
CWDT
RST1
RST2
WDE
WDI
WDO
+
+


Similar Part No. - LT3640EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
More results

Similar Description - LT3640EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3641 LINER-LT3641_15 Datasheet
447Kb / 28P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3640 LINER-LT3640_15 Datasheet
516Kb / 24P
   Dual Monolithic Buck Regulator with Power-On Reset and Watchdog Timer
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
LT3688 LINER-LT3688_15 Datasheet
425Kb / 28P
   Dual 800mA Step-Down Switching Regulator with Power-On Reset and Watchdog Timer
LT3689 LINER-LT3689 Datasheet
394Kb / 32P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
LT3689-5 LINER-LT3689-5_15 Datasheet
969Kb / 34P
   700mA Step-Down Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com