Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3060ETS8PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3060ETS8PBF
Description  45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060ETS8PBF Datasheet(HTML) 1 Page - Linear Technology

  LT3060ETS8PBF Datasheet HTML 1Page - Linear Technology LT3060ETS8PBF Datasheet HTML 2Page - Linear Technology LT3060ETS8PBF Datasheet HTML 3Page - Linear Technology LT3060ETS8PBF Datasheet HTML 4Page - Linear Technology LT3060ETS8PBF Datasheet HTML 5Page - Linear Technology LT3060ETS8PBF Datasheet HTML 6Page - Linear Technology LT3060ETS8PBF Datasheet HTML 7Page - Linear Technology LT3060ETS8PBF Datasheet HTML 8Page - Linear Technology LT3060ETS8PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3060
1
3060f
TYPICAL APPLICATION
DESCRIPTION
45V VIN, Micropower,
Low Noise, 100mA Low
Dropout, Linear Regulator
The LT®3060 is a micropower, low dropout voltage (LDO)
linear regulator that operates over a 1.6V to 45V input
supply range. The device supplies 100mA of output current
with a typical dropout voltage of 300mV. A single external
capacitor provides programmable low noise reference
performance and output soft-start functionality. The
LT3060’s quiescent current is merely 40μA and provides
fast transient response with a minimum 2.2μF output
capacitor. In shutdown, quiescent current is less than 1μA
and the reference soft-start capacitor is reset.
The LT3060 optimizes stability and transient response
with low ESR, ceramic output capacitors. The regulator
does not require the addition of ESR as is common with
other regulators. The LT3060 typically provides 0.1% line
regulation and 0.03% load regulation.
Internal protection circuitry includes reverse-battery
protection, reverse-output protection, reverse-current
protection,currentlimitwithfoldbackandthermalshutdown.
The LT3060 is an adjustable voltage regulator with an output
voltage range from the 600mV reference to 44.5V. The
LT3060 is offered in the thermally enhanced 8-lead TSOT-23
and 8-lead (2mm × 2mm × 0.75mm) DFN packages.
1.8V Low Noise Regulator
FEATURES
APPLICATIONS
n Input Voltage Range: 1.6V to 45V
n Output Current: 100mA
n Quiescent Current: 40μA
n Dropout Voltage: 300mV
n Low Noise: 30μVRMS (10Hz to 100kHz)
n Adjustable Output: VREF = 600mV
n Output Tolerance: ±2% Over Line, Load and
Temperature
n Single Capacitor Soft-Starts Reference and Lowers
Output Noise
n Shutdown Current: < 1μA
n Reverse Battery Protection
n Current Limit Foldback Protection
n Thermal Limit Protection
n 8-Lead 2mm × 2mm × 0.75mm DFN and 8-Lead
ThinSOTPackages
n Battery-Powered Systems
n Automotive Power Supplies
n Industrial Power Supplies
n Avionic Power Supplies
n Portable Instruments
3060 TA01
IN
SHDN
OUT
ADJ
GND REF/BYP
LT3060
VIN
2.3V TO
45V
VOUT
1.8V AT 100mA
30μVRMS NOISE
1μF
10μF
CFF
10nF
10nF
249k
1%
124k
1%
Dropout Voltage
OUTPUT CURRENT (mA)
0
0
300
250
200
150
100
50
350
10
60 70 80 90 100
20 30 40
3060 TA02
50
TJ = 25°C
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a Trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LT3060ETS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060ETS8 LINER-LT3060ETS8 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060ETS8-1.2 LINER-LT3060ETS8-1.2 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060ETS8-1.5 LINER-LT3060ETS8-1.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060ETS8-1.8 LINER-LT3060ETS8-1.8 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060ETS8-2.5 LINER-LT3060ETS8-2.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results

Similar Description - LT3060ETS8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3061 LINER-LT3061_15 Datasheet
662Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA LDO with Output Discharge
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3062 LINER-LT3062_15 Datasheet
581Kb / 20P
   45V VIN, Micropower, Low Noise, 200mA LDO
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com