Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3060EDCPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3060EDCPBF
Description  45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060EDCPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3060EDCPBF Datasheet HTML 3Page - Linear Technology LT3060EDCPBF Datasheet HTML 4Page - Linear Technology LT3060EDCPBF Datasheet HTML 5Page - Linear Technology LT3060EDCPBF Datasheet HTML 6Page - Linear Technology LT3060EDCPBF Datasheet HTML 7Page - Linear Technology LT3060EDCPBF Datasheet HTML 8Page - Linear Technology LT3060EDCPBF Datasheet HTML 9Page - Linear Technology LT3060EDCPBF Datasheet HTML 10Page - Linear Technology LT3060EDCPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3060
7
3060f
TYPICAL PERFORMANCE CHARACTERISTICS
Input Ripple Rejection
5V Input Ripple Rejection
Ripple Rejection vs Temperature
IL = 100mA
CREF/BYP = CFF = 0
VIN = VOUT(NOMINAL) + 1.5V +
50mVRMS RIPPLE
FREQUENCY (Hz)
10
0
60
70
80
90
50
40
30
20
10
100
100
10M
1k
10k
100k
3060 G19
1M
VOUT = 0.6V
COUT = 10μF
COUT = 2.2μF
VOUT = 5V
FREQUENCY (Hz)
10
0
60
70
80
90
50
40
30
20
10
100
100
10M
1k
10k
100k
3060 G20
1M
IL = 100mA
VOUT = 5V
COUT = 10μF
VIN = 6V + 50mVRMS RIPPLE
CREF/BYP = CFF = 10nF
CREF/BYP = 10nF, CFF = 0
CREF/BYP = CFF = 0
TEMPERATURE (°C)
–75
0
90
80
70
60
40
50
30
20
10
100
–50
75 100 125 150 175
–25 0
25
3060 G21
50
CREF/BYP = 10nF
CREF/BYP = 0
IL = 100mA
VOUT = 0.6V
VIN = 2.6V + 0.5VP-P RIPPLE AT f = 120Hz
Minimum Input Voltage
Load Regulation
Output Noise Spectral Density
CREF/BYP = 0, CFF = 0
Output Noise Spectral Density
vs CREF/BYP, CFF = 0
Output Noise Spectral Density
vs CFF, CREF/BYP = 10nF
RMS Output Noise vs Load Current
vs CREF/BYP, CFF = 0
TEMPERATURE (°C)
–75
0
1.4
1.6
1.8
2.0
1.2
1.0
0.8
0.4
0.6
0.2
2.2
–50
75 100 125 150 175
–25 0
25
3060 G22
50
IL = 50mA
IL = 100mA
VSHDN = VIN
TEMPERATURE (°C)
–75
2
3
4
1
0
–1
–3
–2
–4
–50
75 100 125 150 175
–25 0
25
3060 G23
50
VIN = 2.1V
VOUT = 0.6V
IL = 1mA TO 100mA
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.6V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
FREQUENCY (Hz)
10
0.01
1
0.1
10
10k
100k
100
3060 G24
1k
COUT = 10μF
IL = 100mA
FREQUENCY (Hz)
10
0.01
1
0.1
10
10k
1k
100k
3060 G25
100
VOUT = 5V
CREF/BYP = 10nF
CREF/BYP = 1nF
VOUT = 0.6V
COUT = 10μF
IL = 100mA
CREF/BYP = 100pF
FREQUENCY (Hz)
10
0.01
1
0.1
10
10k
1k
100k
3060 G26
100
CFF = 0
CFF = 100pF
CFF = 10nF
VOUT = 5V
COUT = 10μF
IL = 100mA
CFF = 1nF
LOAD CURRENT (mA)
0.01
0
40
30
20
10
110
100
90
80
70
60
50
10
1
100
3060 G27
0.1
VOUT = 0.6V
COUT = 10μF
CREF/BYP = 0
CREF/BYP = 10pF
CREF/BYP = 100pF
CREF/BYP = 1nF
CREF/BYP = 10nF
CREF/BYP = 100nF
TA = 25°C, unless otherwise noted.


Similar Part No. - LT3060EDCPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060EDC LINER-LT3060EDC Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060EDC-1.2 LINER-LT3060EDC-1.2 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060EDC-1.5 LINER-LT3060EDC-1.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060EDC-1.8 LINER-LT3060EDC-1.8 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060EDC-2.5 LINER-LT3060EDC-2.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results

Similar Description - LT3060EDCPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3061 LINER-LT3061_15 Datasheet
662Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA LDO with Output Discharge
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3062 LINER-LT3062_15 Datasheet
581Kb / 20P
   45V VIN, Micropower, Low Noise, 200mA LDO
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com