Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3599EUHPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3599EUHPBF
Description  4-Channel 120mA LED Driver with 짹1.5% Current Matching
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3599EUHPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3599EUHPBF Datasheet HTML 1Page - Linear Technology LT3599EUHPBF Datasheet HTML 2Page - Linear Technology LT3599EUHPBF Datasheet HTML 3Page - Linear Technology LT3599EUHPBF Datasheet HTML 4Page - Linear Technology LT3599EUHPBF Datasheet HTML 5Page - Linear Technology LT3599EUHPBF Datasheet HTML 6Page - Linear Technology LT3599EUHPBF Datasheet HTML 7Page - Linear Technology LT3599EUHPBF Datasheet HTML 8Page - Linear Technology LT3599EUHPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT3599

3599fd
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = 5V, unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
l
2.7
3.1
V
Maximum Operating Voltage
l
30
V
Reference Voltage VREF
I(VREF ) = 0µA
l
1.21
1.20
1.227
1.24
1.25
V
V
Reference Voltage Line Regulation
I(VREF ) = 0µA, 3.1V < VIN < 30V
0.01
0.03
%/V
Maximum VREF Pin Current
(Note 3)
100
µA
VREF Load Regulation
0 < I(VREF) ≤ 100µA (Max)
1
mV
Feedback Voltage
l
1.196
1.223
1.250
V
FB Pin Bias Current
(Note 3)
100
250
nA
FB Error Amp Transconductance
∆I = 5µA
200
µmhos
FB Error Amp Voltage Gain
210
V/V
Current Loop Amp Transconductance
50
µmhos
Current Loop Amp Voltage Gain
50
V/V
VC Source Current (Out of Pin)
LED1-4 = 0.4V, FB = 1V, VC = 1.5V
8
µA
VC Sink Current (OVP Mode)
LED1-4 = 0.4V, FB = 1.5V, VC = 1.5V
15
µA
Quiescent Current
VSHDN = 5V, PWM = 0V, Not Switching, VC = 0.7V
3
4.8
mA
Quiescent Current in Shutdown
VSHDN = 0V
0
1
µA
LED Current
RISET = 13.3k
96
99
102
mA
LED String Current Matching
100mA LED Current
l
±0.25
±1.5
%
LED Open Detection Threshold (VLED–GND)
FB > 1.25V
0.3
0.4
V
LED Short Detection Threshold (VOUT–VLED)
0.8
1.5
2.2
V
LED Regulation Voltage
0.77
V
LED1-4 Leakage Current
VLED1-4 = 45V
0.1
1
µA
CTRL Pin Bias Current
VCTRL = 0.8V (Note 3)
100
200
nA
Switching Frequency
RT = 324k
RT = 53.6k
RT = 20k
176
0.9
1.82
198
1
2.06
220
1.1
2.3
kHz
MHz
MHz
TSET Voltage
595
mV
Maximum Switch Duty Cycle
RT = 324k
RT = 53.6k
RT = 20k
l
97
85
70
98
90
80
%
%
%
Switch Current Limit
(Note 4)
2
2.5
3
A
Switch VCESAT
ISW = 0.5A
0.10
V
Switch Leakage Current
VSW = 45V, FB = 1.3V
0.2
5
µA
SHDN/UVLO Pin Threshold (VSD_SHDN)
Shutdown
0.3
0.7
0.95
V
SHDN/UVLO Pin Threshold (VSD_ UVLO)
Rising
1.28
1.36
1.44
V
SHDN/UVLO Pin Hysteresis Current
SHDN = VSD_UVLO – 50mV
SHDN = VSD_UVLO + 50mV
2.5
4
0
5.5
µA
µA
Soft-Start Current
SS = 1V (Note 3)
11
µA
PWM Input High Threshold
1
V
PWM Input Low Threshold
0.4
V


Similar Part No. - LT3599EUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3599EUH-PBF LINER-LT3599EUH-PBF Datasheet
279Kb / 24P
   4-Channel 120mA LED Driver with 짹1.5% Current Matching
LT3599EUH-TRPBF LINER-LT3599EUH-TRPBF Datasheet
279Kb / 24P
   4-Channel 120mA LED Driver with 짹1.5% Current Matching
More results

Similar Description - LT3599EUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3599 LINER-LT3599 Datasheet
279Kb / 24P
   4-Channel 120mA LED Driver with 짹1.5% Current Matching
LT3599 LINER-LT3599_15 Datasheet
279Kb / 26P
   4-Channel 120mA LED Driver
logo
SG Micro Corp
SGM3131 SGMICRO-SGM3131_16 Datasheet
2Mb / 13P
   120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Intersil Corporation
ISL97672_1011 INTERSIL-ISL97672_1011 Datasheet
531Kb / 17P
   6-Channel LED Driver Current Matching 짹0.7%
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
   White LED Driver (120mA Charge Pump with Current Source)
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_1 Datasheet
401Kb / 24P
   6-String 30mA LED Driver with 1.5% Current Matching
logo
Monolithic Power System...
EV3394EF-00A MPS-EV3394EF-00A Datasheet
199Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
EV3394ES-00A MPS-EV3394ES-00A Datasheet
181Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
EV3394S-S-00A MPS-EV3394S-S-00A Datasheet
289Kb / 6P
   4 strings 120mA White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com