Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3060IDC Datasheet(PDF) 5 Page - Linear Technology

Part # LT3060IDC
Description  45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060IDC Datasheet(HTML) 5 Page - Linear Technology

  LT3060IDC Datasheet HTML 1Page - Linear Technology LT3060IDC Datasheet HTML 2Page - Linear Technology LT3060IDC Datasheet HTML 3Page - Linear Technology LT3060IDC Datasheet HTML 4Page - Linear Technology LT3060IDC Datasheet HTML 5Page - Linear Technology LT3060IDC Datasheet HTML 6Page - Linear Technology LT3060IDC Datasheet HTML 7Page - Linear Technology LT3060IDC Datasheet HTML 8Page - Linear Technology LT3060IDC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3060
5
3060f
OUTPUT CURRENT (mA)
0
0
450
350
400
300
250
200
150
100
50
550
500
10
60 70 80 90 100
20 30 40
3060 G01
50
TJ = 25°C
TJ = 125°C
OUTPUT CURRENT (mA)
0
0
450
400
350
300
250
200
150
100
50
550
500
10
60 70 80 90 100
20 30 40
3060 G02
50
TJ ≤ 150°C
TJ ≤ 25°C
= TEST POINTS
TEMPERATURE (°C)
–75
0
450
500
400
350
300
250
200
150
100
50
550
–50
75 100 125 150 175
–25 0
25
3060 G03
50
IL = 100mA
IL = 50mA
IL = 10mA
IL = 1mA
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–75
0
50
60
70
40
30
20
10
80
–50
75 100 125 150 175
–25 0
25
3060 G04
50
VIN = 6V
RL = 120k, IL = 5μA
VSHDN = VIN
VSHDN = 0V
TEMPERATURE (°C)
–75
0.588
0.600
0.602
0.604
0.606
0.608
0.610
0.598
0.596
0.594
0.592
0.590
0.612
–50
75 100 125 150 175
–25 0
25
3060 G05
50
IL = 1mA
VIN = 2.1V
INPUT VOLTAGE (V)
0
0
175
150
125
100
75
50
25
200
530
35
40
45
10
15
20
3060 G06
25
TJ = 25°C
RL = 500k
VOUT = 2.5V
VSHDN = VIN
VSHDN = 0
INPUT VOLTAGE (V)
0
0
70
60
50
40
30
20
10
80
5
30354045
10
15
20
3060 G07
25
TJ = 25°C
RL = 120k
VOUT = 0.6V
VSHDN = VIN
VSHDN = 0
INPUT VOLTAGE (V)
0
0
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
2.50
1
6789
10
234
3060 G08
5
TJ = 25°C
*FOR VOUT = 2.5V
VSHDN = VIN
RL = 25Ω
IL = 100mA*
RL = 50Ω
IL = 50mA*
RL = 250Ω
IL = 10mA*
RL = 2.5k
IL = 1mA*
INPUT VOLTAGE (V)
0
0
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
2.50
1
6789
10
234
3060 G09
5
TJ = 25°C
*FOR VOUT = 0.6V
VSHDN = VIN
RL = 6Ω
IL = 100mA*
RL = 12Ω
IL = 50mA*
RL = 60Ω
IL = 10mA*
RL = 600Ω
IL = 1mA*
Quiescent Current
ADJ Pin Voltage
2.5V Quiescent Current
Quiescent Current
2.5V GND Pin Current
0.6V GND Pin Current
TA = 25°C, unless otherwise noted.


Similar Part No. - LT3060IDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060IDC LINER-LT3060IDC Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060IDC-1.2 LINER-LT3060IDC-1.2 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060IDC-1.5 LINER-LT3060IDC-1.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060IDC-1.8 LINER-LT3060IDC-1.8 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060IDC-2.5 LINER-LT3060IDC-2.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results

Similar Description - LT3060IDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3061 LINER-LT3061_15 Datasheet
662Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA LDO with Output Discharge
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3062 LINER-LT3062_15 Datasheet
581Kb / 20P
   45V VIN, Micropower, Low Noise, 200mA LDO
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com