Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3026EDDPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3026EDDPBF
Description  1.5A Low Input Voltage VLDO Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3026EDDPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3026EDDPBF Datasheet HTML 2Page - Linear Technology LTC3026EDDPBF Datasheet HTML 3Page - Linear Technology LTC3026EDDPBF Datasheet HTML 4Page - Linear Technology LTC3026EDDPBF Datasheet HTML 5Page - Linear Technology LTC3026EDDPBF Datasheet HTML 6Page - Linear Technology LTC3026EDDPBF Datasheet HTML 7Page - Linear Technology LTC3026EDDPBF Datasheet HTML 8Page - Linear Technology LTC3026EDDPBF Datasheet HTML 9Page - Linear Technology LTC3026EDDPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC3026

3026fd
Typical perForMance characTerisTics
IN Supply Transient Response
BST/OUT Start-Up
BST Ripple and Feedthrough
to OUT
3026 G16
VIN
2V
1.5V
VOUT
AC
10mV/DIV
10µs/DIV
VOUT = 1.2V
IOUT = 800mA
COUT = 10µF
VBST = 5V
TA = 25°C
3026 G17
SHDN
BST
OUT
HI
LO
200µs/DIV
TA = 25°C
ROUT = 1
VIN = 1.7V
5V
1.5V
1V
0V
3026 G18
VBST
AC 20mV/DIV
VOUT
AC 5mV/DIV
20µs/DIV
VOUT = 1.2V
VIN = 1.5V
IOUT = 1A
COUT = 10µF
LSW = 10µH
TA = 25°C
Delay from Enable to PG with
Boost Disabled
Delay from Enable to PG with
Boost Enabled
Output Load Transient Response
3026 G13
VIN (V)
1.0
2.0
3.0 3.5
5.5
1.5
2.5
4.0 4.5 5.0
400
375
350
325
300
275
250
–40°C
25°C
85°C
VOUT = 0.8V
ROUT = 8
3026 G14
VIN (V)
1.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
1.5
2.0
2.5
3.5
–40°C
25°C
85°C
VOUT = 0.8V
ROUT = 8
3026 G15
IOUT
1.5A
2mA
OUT
AC 20mV/DIV
50µs/DIV
VOUT = 1.5V
COUT = 10µF
VIN = 1.7V
VBST = 5V


Similar Part No. - LTC3026EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3026EDD LINER-LTC3026EDD Datasheet
201Kb / 16P
   1.5A Low Input Voltage VLDO Linear Regulator
More results

Similar Description - LTC3026EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3026 LINER-LTC3026 Datasheet
201Kb / 16P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026_1208 LINER-LTC3026_1208 Datasheet
265Kb / 18P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026-1 LINER-LTC3026-1_15 Datasheet
193Kb / 16P
   1.5A Low Input Voltage VLDO Linear Regulator
LTC3026 LINER-LTC3026_15 Datasheet
265Kb / 18P
   1.5A Low Input Voltage VLDO Linear Regulator
logo
AiT Semiconductor Inc.
A6115 AITSEMI-A6115 Datasheet
658Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 1.5A LINEAR REGULATOR
REV2.2
logo
Infineon Technologies A...
IFX1963TBV INFINEON-IFX1963TBV Datasheet
1Mb / 25P
   1.5A Low Dropout Linear Voltage Regulator
Rev. 1.0, 2013-02-25
logo
HTC Korea TAEJIN Techno...
TJ49150 HTC-TJ49150 Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
209Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com