Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2952CFTRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2952CFTRPBF
Description  Pushbutton PowerPathTM Controller with Supervisor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952CFTRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2952CFTRPBF Datasheet HTML 1Page - Linear Technology LTC2952CFTRPBF Datasheet HTML 2Page - Linear Technology LTC2952CFTRPBF Datasheet HTML 3Page - Linear Technology LTC2952CFTRPBF Datasheet HTML 4Page - Linear Technology LTC2952CFTRPBF Datasheet HTML 5Page - Linear Technology LTC2952CFTRPBF Datasheet HTML 6Page - Linear Technology LTC2952CFTRPBF Datasheet HTML 7Page - Linear Technology LTC2952CFTRPBF Datasheet HTML 8Page - Linear Technology LTC2952CFTRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC2952
5
2952fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The greatest of V1, V2 or VS is the internal supply voltage (VMAX).
Note 3: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 4: V2PREF_TH is the minimum voltage level at which V2 becomes
the preferential source of quiescent current when both of the ideal diodes
are off.
Note 5: VS is stepped from (V1 or V2) + 0.2V to (V1 or V2) – 0.2V to
trigger the event. The gate voltages are initially VG(OFF).
Note 6: VS is stepped from VX – 0.2V to VX + 0.2V to trigger the event.
Gate voltages are initially clamped at VG(ON).
Note 7: The adjustable turn-on and turn-off timer period is the adjustable
debounce period following the Internal default-on and default-off timer
period, respectively.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V1 = V2 = VS = 2.7V to 28V unless otherwise noted. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
μP Handshake Timing
tINT(MIN)
INT Minimum Pulse Width
Minimum Measured Time PB Rising to
INT Rising
l
10
50
250
μs
tKILL(PW)
KILL Minimum Pulse Width
Full Swing Pulse From 5V to 0V
l
150
500
μs
tKILL,ON BLANK
KILL On Blanking (Note 9)
KILL = 0V, Measured Time Between EN Rising
→ EN Falling
l
270
400
530
ms
tKILL, OFF WAIT
KILL Wait Time (Note 10)
KILL = 1V, COFFT = OPEN, Measured Time
Between INT Falling
→ EN Falling
l
270
400
530
ms
tEN, LOCKOUT
Enable Lockout Time (Note 11)
Measured Time Between EN Falling
→ EN
Rising
l
270
400
530
ms
Note 8: The input current to the three-state WDE pin are the pull-up
and the pull-down current when the pin is either set to 3.3V or GND,
respectively. In the open state, the maximum pull-up or pull-down leakage
current permissible is 10μA.
Note 9: The turn-on KILL blanking time is the waiting period immediately
following the EN pin switching high; at the end of this period the input
to the KILL needs to be high to indicate that the system has powered up
properly, otherwise the EN pin is immediately switched low.
Note 10: The KILL wait time during the power-down process is the wait
period immediately following a valid turn-off command until the EN pin
switches low.
Note 11: The enable lockout time is the minimum wait time between the
last falling edge and the next rising edge on the EN pin.


Similar Part No. - LTC2952CFTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2952CF LINER-LTC2952CF Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
More results

Similar Description - LTC2952CFTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
LTC2952 LINER-LTC2952_15 Datasheet
288Kb / 30P
   Pushbutton PowerPath Controller with Supervisor
LTC4412 LINER-LTC4412 Datasheet
156Kb / 12P
   Low Loss PowerPathTM Controller in ThinSOT
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Linear Technology
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
   36V, Low Loss PowerPathTM Controller in ThinSOT
LTC4414 LINER-LTC4414 Datasheet
166Kb / 12P
   36V, Low Loss PowerPathTM Controller for Large PFETs
logo
Supertex, Inc
HV9606 SUTEX-HV9606 Datasheet
565Kb / 9P
   HV9606 Current-Mode PWM Controller with Supervisor
logo
Linear Technology
LTC2954 LINER-LTC2954_15 Datasheet
452Kb / 18P
   Pushbutton On/Off Controller with P Interrupt
logo
STMicroelectronics
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
logo
Linear Technology
LTC1473 LINER-LTC1473 Datasheet
216Kb / 16P
   Dual PowerPathTM Switch Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com