Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2942CDCBTRMPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2942CDCBTRMPBF
Description  Battery Gas Gauge with Temperature, Voltage Measurement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2942CDCBTRMPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2942CDCBTRMPBF Datasheet HTML 5Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 6Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 7Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 8Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 9Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 10Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 11Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 12Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2942
9
2942f
APPLICATIONS INFORMATION
Status Register (A)
The status of the charge, voltage and temperature alerts
is reported in the status register shown in Table 2.
Table 2. Status Register A (Read only)
BIT
NAME
OPERATION
DEFAULT
A[7] Chip Identification
0: LTC2942
1: LTC2941
0
A[6] Reserved
0
A[5] Accumulated Charge
Overflow/Underflow
Indicates that the value of the
ACR hit either top or bottom.
0
A[4] Temperature Alert
Indicates one of the
temperature limits was
exceeded.
0
A[3] Charge Alert High
Indicates that the ACR value
exceeded the charge threshold
high limit.
0
A[2] Charge Alert Low
Indicates that the ACR value
dropped below the charge
threshold low limit.
0
A[1] Voltage Alert
Indicates one of the battery
voltage limits was exceeded.
0
A[0] Undervoltage
Lockout Alert
Indicates recovery from
undervoltage. If set to 1, a
UVLO has occurred and the
contents of the registers are
uncertain.
X
All status register bits except A[7] are cleared after being
read by the host, if the conditions which set these bits
have been removed.
As soon as one of the three measured quantities exceeds
the programmed limits, the corresponding bit A[4], A[3],
A[2] or A[1] in the status register is set.
Bit A[5] is set if the LTC2942’s accumulated charge registers
(ACR) overflows or underflows. In these cases, the ACR
stays at FFFFh or 0000h and does not roll over.
The undervoltage lockout (UVLO) bit of the status register
A[0] is set if, during operation, the voltage on SENSE+
pin drops below 2.7V without reaching the POR level.
The analog parts of the coulomb counter are switched off
while the digital register values are retained. After recov-
ery of the supply voltage the coulomb counter resumes
integrating with the stored value in the accumulated
charge registers but it has missed any charge flowing
while SENSE+ < 2.7V.
The hard-coded bit A[7] of the status register enables the
host to distinguish the LTC2942 from the pin compatible
LTC2941, allowing the same software to be used with
both devices.
Control Register (B)
The operation of the LTC2942 is controlled by program-
ming the control register. Table 3 shows the organization
of the 8-bit control register B[7:0].
Table 3. Control Register B
BIT
NAME
OPERATION
Default
B[7:6] ADC Mode
[11] Automatic Mode.
Performs voltage and temperature
conversion every second.
[10] Manual Voltage Mode.
Performs single voltage
conversion, then sleeps.
[01] Manual Temperature Mode.
Performs single temperature
conversion, then sleeps.
[00] Sleep.
[00]
B[5:3] Prescaler M
Sets coulomb counter prescaling
factor M between 1 and 128.
Default is 128.
M = 2(4 • B[5] + 2 • B[4] + B[3])
[111]
B[2:1] AL/CC Configure Configures the AL/CC pin.
[10] Alert Mode.
Alert functionality enabled.
Pin becomes logic output.
[01] Charge Complete Mode.
Pin becomes logic input and
accepts “charge complete” signal
(e.g., from a charger) to set
accumulated charge register (C,D)
to FFFFh.
[00] AL/CC pin disabled.
[11] Not allowed.
[10]
B[0]
Shutdown
Shut down analog section to
reduce ISUPPLY.
[0]
Power Down B[0]
Setting B[0] to 1 shuts down the analog parts of the
LTC2942, reducing the current consumption to less than
1μA. All analog circuits are inoperative while the values
in the registers are retained. Note that any charge flowing
while B[0] is 1 is not measured and the charge information
below 1LSB of the accumulated charge register is lost.


Similar Part No. - LTC2942CDCBTRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2942 LINER-LTC2942 Datasheet
237Kb / 18P
   Battery Gas Gauge with Temperature, Voltage Measurement
logo
Analog Devices
LTC2942 AD-LTC2942 Datasheet
714Kb / 18P
   Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC2942-1 LINER-LTC2942-1 Datasheet
240Kb / 16P
   1A Battery Gas Gauge with Internal Sense Resistor and Temperature/Voltage Measurement
LTC2942-1 LINER-LTC2942-1_15 Datasheet
240Kb / 16P
   1A Battery Gas Gauge with Internal Sense Resistor and Temperature/Voltage Measurement
LTC2942 LINER-LTC2942_15 Datasheet
237Kb / 18P
   Battery Gas Gauge with Temperature, Voltage Measurement
More results

Similar Description - LTC2942CDCBTRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2942 LINER-LTC2942_15 Datasheet
237Kb / 18P
   Battery Gas Gauge with Temperature, Voltage Measurement
LTC2943 LINER-LTC2943 Datasheet
506Kb / 12P
   Multicell Battery Gas Gauge with Temperature, Voltage and Current Measurement
LTC2943 LINER-LTC2943_15 Datasheet
260Kb / 20P
   Multicell Battery Gas Gauge with Temperature, Voltage and Current Measurement
LTC2942-1 LINER-LTC2942-1 Datasheet
240Kb / 16P
   1A Battery Gas Gauge with Internal Sense Resistor and Temperature/Voltage Measurement
LTC2942-1 LINER-LTC2942-1_15 Datasheet
240Kb / 16P
   1A Battery Gas Gauge with Internal Sense Resistor and Temperature/Voltage Measurement
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com