Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2941 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2941
Description  Battery Gas Gauge with I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2941 Datasheet(HTML) 4 Page - Linear Technology

  LTC2941 Datasheet HTML 1Page - Linear Technology LTC2941 Datasheet HTML 2Page - Linear Technology LTC2941 Datasheet HTML 3Page - Linear Technology LTC2941 Datasheet HTML 4Page - Linear Technology LTC2941 Datasheet HTML 5Page - Linear Technology LTC2941 Datasheet HTML 6Page - Linear Technology LTC2941 Datasheet HTML 7Page - Linear Technology LTC2941 Datasheet HTML 8Page - Linear Technology LTC2941 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2941
4
2941f
TYPICAL PERFORMANCE CHARACTERISTICS
Total Charge Error vs Differential
Sense Voltage
Total Charge Error vs Supply
Voltage
Total Charge Error vs Temperature
Supply Current vs Supply Voltage
Shutdown Supply Current vs
Supply Voltage
VSENSE (mV)
0.1
–1
0
–2
2
1
1
10
100
2941 G01
–3
3
VSENSE+ = 2.7V
VSENSE+ = 4.2V
VSENSE
+ (V)
2.5
–1.00
–0.50
–0.25
0
1.00
0.25
3.5
4.5
5.0
2941 G02
–0.75
0.50
0.75
3.0
4.0
5.5
6.0
VSENSE = –50mV
VSENSE = –10mV
TEMPERATURE (°C)
–50
–1.00
–0.50
–0.25
0
0.50
25
50
2941 G03
–0.75
0.75
1.00
0.25
–25
0
75
100
VSENSE = –50mV
VSENSE = –10mV
VSENSE
+ (V)
2.5
80
90
100
4.0
5.0
2941 G04
70
60
3.0
3.5
4.5
5.5
6.0
50
40
TA = 25°C
TA = –40°C
TA = 85°C
VSENSE
+ (V)
2.5
0
1.0
2.0
3.5
4.5
5.0
2941 G05
0.5
1.5
3.0
4.0
5.5
6.0
TA = 25°C
TA = –40°C
TA = 85°C


Similar Part No. - LTC2941

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Analog Devices
LTC2941 AD-LTC2941 Datasheet
714Kb / 18P
   Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC2941-1 LINER-LTC2941-1 Datasheet
216Kb / 16P
   1A I2C Battery Gas Gauge with Internal Sense Resistor
LTC2941-1 LINER-LTC2941-1_15 Datasheet
216Kb / 16P
   1A I2C Battery Gas Gauge with Internal Sense Resistor
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
More results

Similar Description - LTC2941

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
LTC2941-1 LINER-LTC2941-1_15 Datasheet
216Kb / 16P
   1A I2C Battery Gas Gauge with Internal Sense Resistor
LTC2941-1 LINER-LTC2941-1 Datasheet
216Kb / 16P
   1A I2C Battery Gas Gauge with Internal Sense Resistor
logo
Texas Instruments
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
logo
Linear Technology
LTC2942 LINER-LTC2942 Datasheet
180Kb / 16P
   Battery Gas Gauge with Temperature, Voltage Measurement
LTC2942 LINER-LTC2942_15 Datasheet
237Kb / 18P
   Battery Gas Gauge with Temperature, Voltage Measurement
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com