Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD12S015 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S015
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S015 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPD12S015 Datasheet HTML 5Page - Texas Instruments TPD12S015 Datasheet HTML 6Page - Texas Instruments TPD12S015 Datasheet HTML 7Page - Texas Instruments TPD12S015 Datasheet HTML 8Page - Texas Instruments TPD12S015 Datasheet HTML 9Page - Texas Instruments TPD12S015 Datasheet HTML 10Page - Texas Instruments TPD12S015 Datasheet HTML 11Page - Texas Instruments TPD12S015 Datasheet HTML 12Page - Texas Instruments TPD12S015 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TPD12S015
www.ti.com
SLLSE19A – DECEMBER 2009 – REVISED JANUARY 2010
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL
Bus load capacitance (B side)
750
pF
Bus load capacitance (A side)
15
Voltage Level Shifter: SCL, SDA Lines (x_A & x_B ports); VCCA = 1.2V
VCCA = 1.2 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay
A to B
DDC Channels Enabled
344
ns
B to A
335
tPLH
Propagation delay
A to B
DDC Channels Enabled
452
ns
B to A
178
tf
A port fall time
A Port
DDC Channels Enabled
138
ns
B port fall time
B Port
83
tr
A port rise time
A Port
DDC Channels Enabled
194
ns
B port rise time
B Port
92
fMAX
Maximum switching frequency
DDC Channels Enabled
400
kHz
Voltage Level Shifter: CEC Line (x_A & x_B ports); VCCA = 1.2V
VCCA = 1.2 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay
A to B
CEC Channels Enabled
445
ns
B to A
337
tPLH
A to B
13
ms
B to A
0.266
tf
A port fall time
A Port
CEC Channels Enabled
140
ns
B port fall time
B Port
96
tr
A port rise time
A Port
CEC Channels Enabled
202
ns
B port rise time
B Port
15
ms
Voltage Level Shifter: HPD Line (x_A & x_B ports); VCCA = 1.2V
VCCA = 1.2 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay
B to A
CEC Channels Enabled
10
ms
tPLH
B to A
9
tf
A port fall time
A Port
CEC Channels Enabled
0.67
ns
tr
A port rise time
A Port
CEC Channels Enabled
0.74
ns
Voltage Level Shifter: SCL, SDA Lines (x_A & x_B ports); VCCA = 1.5V
VCCA = 1.5 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay
A to B
DDC Channels Enabled
335
B to A
265
ns
tPLH
A to B
438
B to A
169
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPD12S015


Similar Part No. - TPD12S015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015 TI1-TPD12S015 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015AYFFR TI1-TPD12S015AYFFR Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
More results

Similar Description - TPD12S015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com