Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPR430ALTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LPR430ALTR
Description  MEMS motion sensor: dual-axis pitch and roll 짹300 dps analog gyroscope
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR430ALTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LPR430ALTR Datasheet HTML 2Page - STMicroelectronics LPR430ALTR Datasheet HTML 3Page - STMicroelectronics LPR430ALTR Datasheet HTML 4Page - STMicroelectronics LPR430ALTR Datasheet HTML 5Page - STMicroelectronics LPR430ALTR Datasheet HTML 6Page - STMicroelectronics LPR430ALTR Datasheet HTML 7Page - STMicroelectronics LPR430ALTR Datasheet HTML 8Page - STMicroelectronics LPR430ALTR Datasheet HTML 9Page - STMicroelectronics LPR430ALTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Mechanical and electrical specifications
LPR430AL
6/14
Doc ID 16574 Rev 1
2.2
Electrical characteristics
Vdd =3 V, T=25 °C unless otherwise noted(b)
b.
The product is factory calibrated at 3 V
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.7
3
3.6
V
Idd
Supply current
PD pin connected to GND
6.8
mA
IddSl
Supply current sleep
mode
2.1
mA
IddPdn
Supply current in power-
down mode
PD pin connected to Vdd
1
5
µA
VST
Self-test input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
VPD
Power-down input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
Top
Operating temperature
range
-40
+85
°C
1.
Typical specifications are not guaranteed.


Similar Part No. - LPR430ALTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR430AL STMICROELECTRONICS-LPR430AL Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
More results

Similar Description - LPR430ALTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPY430AL STMICROELECTRONICS-LPY430AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹300 dps analog gyroscope
LPR450AL STMICROELECTRONICS-LPR450AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹500 dps analog gyroscope
LPR4150AL STMICROELECTRONICS-LPR4150AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹1500 dps analog gyroscope
LPR410AL STMICROELECTRONICS-LPR410AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹100 dps analog gyroscope
LPR403AL STMICROELECTRONICS-LPR403AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹30 dps analog gyroscope
LPY450AL STMICROELECTRONICS-LPY450AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹500 dps analog gyroscope
LPR530AL STMICROELECTRONICS-LPR530AL Datasheet
225Kb / 12P
   MEMS motion sensor: dual axis pitch and roll 짹300째/s analog gyroscope
LPR5150AL STMICROELECTRONICS-LPR5150AL Datasheet
226Kb / 12P
   MEMS motion sensor: dual axis pitch and roll 짹1500째/s analog gyroscope
LPY410AL STMICROELECTRONICS-LPY410AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹100 dps analog gyroscope
LPR510AL STMICROELECTRONICS-LPR510AL Datasheet
226Kb / 12P
   MEMS motion sensor: dual axis pitch and roll 짹100째/s analog gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com