Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7195BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7195BCPZ
Description  4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7195BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7195BCPZ Datasheet HTML 1Page - Analog Devices AD7195BCPZ Datasheet HTML 2Page - Analog Devices AD7195BCPZ Datasheet HTML 3Page - Analog Devices AD7195BCPZ Datasheet HTML 4Page - Analog Devices AD7195BCPZ Datasheet HTML 5Page - Analog Devices AD7195BCPZ Datasheet HTML 6Page - Analog Devices AD7195BCPZ Datasheet HTML 7Page - Analog Devices AD7195BCPZ Datasheet HTML 8Page - Analog Devices AD7195BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
4.8 kHz, Ultralow Noise, 24-Bit
Sigma-Delta ADC with PGA and AC Excitation
AD7195
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
AC or DC sensor excitation
RMS noise: 8.5 nV at 4.7 Hz (gain = 128)
16 noise-free bits at 2.4 kHz (gain = 128)
Up to 22.5 noise-free bits (gain = 1)
Offset drift: 5 nV/°C
Gain drift: 1 ppm/°C
Specified drift over time
2 differential/4 pseudo differential input channels
Automatic channel sequencer
Programmable gain (1 to 128)
Output data rate: 4.7 Hz to 4.8 kHz
Internal or external clock
Simultaneous 50 Hz/60 Hz rejection
Power supply
AVDD: 4.75 V to 5.25 V
DVDD: 2.7 V to 5.25 V
Current: 6 mA
Temperature range: –40°C to +105°C
Package: 32-lead LFCSP
INTERFACE
3-wire serial
SPI, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Weigh scales
Strain gage transducers
Pressure measurement
Temperature measurement
Chromatography
PLC/DCS analog input modules
Data acquisition
Medical and scientific instrumentation
GENERAL DESCRIPTION
The AD7195 is a low noise, complete analog front end for high
precision measurement applications. It contains a low noise,
24-bit sigma-delta (Σ-Δ) analog-to-digital converter (ADC).
The on-chip low noise gain stage means that signals of small
amplitude can be interfaced directly to the ADC. The AD7195
contains ac excitation, which is used to remove dc-induced
offsets from bridge sensors.
The device can be configured to have two differential inputs or
four pseudo differential inputs. The on-chip channel sequencer
allows several channels to be enabled, and the AD7195 sequentially
converts on each enabled channel. This simplifies communication
with the part. The on-chip 4.92 MHz clock can be used as the
clock source to the ADC or, alternatively, an external clock or
crystal can be used. The output data rate from the part can be
varied from 4.7 Hz to 4.8 kHz.
The device has two digital filter options. The choice of filter
affects the rms noise/noise-free resolution at the programmed
output data rate, the settling time, and the 50 Hz/60 Hz rejec-
tion. For applications that require all conversions to be settled,
the AD7195 includes a zero latency feature.
The part operates with a 5 V analog power supply and a digital
power supply from 2.7 V to 5.25 V. It consumes a current of
6 mA. It is housed in a 32-lead LFCSP package.
FUNCTIONAL BLOCK DIAGRAM
MCLK1 MCLK2
DVDD DGND
REFIN(+)
REFIN(–)
AIN1
AIN2
AIN3
AIN4
AINCOM
BPDSW
AD7195
REFERENCE
DETECT
SERIAL
INTERFACE
AND
CONTROL
LOGIC
TEMP
SENSOR
AC
EXCITATION
CLOCK
CLOCK
CIRCUITRY
DOUT/RDY
DIN
SCLK
CS
SYNC
AVDD
AVDD
AGND
AGND
Σ-Δ
ADC
PGA
MUX
ACX1
ACX1
ACX2
ACX2
Figure 1.


Similar Part No. - AD7195BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7195BCPZ AD-AD7195BCPZ Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195BCPZ AD-AD7195BCPZ Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7195BCPZ-RL AD-AD7195BCPZ-RL Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195BCPZ-RL AD-AD7195BCPZ-RL Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7195BCPZ-RL7 AD-AD7195BCPZ-RL7 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
More results

Similar Description - AD7195BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7195 AD-AD7195_17 Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com