Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5965BUAX+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5965BUAX+
Description  High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5965BUAX+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5965BUAX+ Datasheet HTML 5Page - Maxim Integrated Products MAX5965BUAX+ Datasheet HTML 6Page - Maxim Integrated Products MAX5965BUAX+ Datasheet HTML 7Page - Maxim Integrated Products MAX5965BUAX+ Datasheet HTML 8Page - Maxim Integrated Products MAX5965BUAX+ Datasheet HTML 9Page - Maxim Integrated Products MAX5965BUAX+ Datasheet HTML 10Page - Maxim Integrated Products MAX5965BUAX+ Datasheet HTML 11Page - Maxim Integrated Products MAX5965BUAX+ Datasheet HTML 12Page - Maxim Integrated Products MAX5965BUAX+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
High-Power, Quad, Monolithic, PSE Controllers
for Power over Ethernet
_______________________________________________________________________________________
9
FOLDBACK CURRENT-LIMIT THRESHOLD
vs. OUTPUT VOLTAGE
VOUT - VEE (V)
50
40
30
20
10
50
100
150
200
250
300
0
0
FOLDBACK CURRENT-LIMIT THRESHOLD
vs. OUTPUT VOLTAGE
VOUT - VEE (V)
50
40
30
20
10
50
100
150
200
250
300
350
400
450
500
0
0
ICUT = 001
ICUT = 001
DC LOAD DISCONNECT THRESHOLD
vs. TEMPERATURE
TEMPERATURE (NC)
60
35
10
-15
3
4
5
6
2
-40
85
OVERCURRENT TIMEOUT
(RLOAD = 240
Ω TO 57Ω)
MAX5965A toc12
20ms/div
(AGND - VOUT)
50V/div
IOUT
200mA/div
INT
5V/div
VGATE_
10V/div
0V
0A
0V
VEE
OVERCURRENT RESPONSE WAVEFORM
(MAX5965AUAX) (RLOAD = 240
Ω TO 57Ω)
MAX5965A toc13
400
μs/div
(AGND - VOUT)
50V/div
IOUT
200mA/div
INT
2V/div
VGATE_
10V/div
0V
0A
0V
VEE
SHORT-CIRCUIT RESPONSE TIME
MAX5965A toc14
20ms/div
(AGND - VOUT)
20V/div
IOUT
200mA/div
VGATE_
10V/div
0V
0A
VEE
SHORT-CIRCUIT RESPONSE TIME
MAX5965A toc15
4
μs/div
(AGND - VOUT)
20V/div
IOUT
10A/div
VGATE_
10V/div
0V
130mA
VEE
Typical Operating Characteristics (continued)
(VEE = -48V, VDD = +3.3V, VAUTO = VAGND = VDGND = 0V, RESET = SHD_ = unconnected, RSENSE = 0.5Ω, IVEE = 00, ICUT = 000,
TA = +25°C, all registers = default setting, unless otherwise noted.)


Similar Part No. - MAX5965BUAX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5965BUAX++ MAXIM-MAX5965BUAX+ Datasheet
1Mb / 52P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 0; 7/09
MAX5965BUAX++ MAXIM-MAX5965BUAX+ Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 3; 3/12
More results

Similar Description - MAX5965BUAX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5965A MAXIM-MAX5965A_12 Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 3; 3/12
MAX5965A MAXIM-MAX5965A Datasheet
1Mb / 52P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 0; 7/09
MAX5965A MAXIM-MAX5965A_11 Datasheet
1Mb / 54P
   High-Power, Quad, Monolithic, PSE Controllers for Power over Ethernet
Rev 2; 5/11
MAX5952 MAXIM-MAX5952_10 Datasheet
1,012Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 1; 1/10
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
[Old version datasheet]   Quad Port Power-over-Ethernet PSE Controller
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
[Old version datasheet]   Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Littelfuse
SP1050 LITTELFUSE-SP1050 Datasheet
684Kb / 5P
   SP1050 Series for Power-over-Ethernet PSE Protection
logo
Texas Instruments
TPS23880 TI1-TPS23880 Datasheet
201Kb / 9P
[Old version datasheet]   High-Power, 8-Channel, Power-over-Ethernet PSE With Programmable SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com