Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7031 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7031
Description  Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7031 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7031 Datasheet HTML 1Page - Maxim Integrated Products MAX7031 Datasheet HTML 2Page - Maxim Integrated Products MAX7031 Datasheet HTML 3Page - Maxim Integrated Products MAX7031 Datasheet HTML 4Page - Maxim Integrated Products MAX7031 Datasheet HTML 5Page - Maxim Integrated Products MAX7031 Datasheet HTML 6Page - Maxim Integrated Products MAX7031 Datasheet HTML 7Page - Maxim Integrated Products MAX7031 Datasheet HTML 8Page - Maxim Integrated Products MAX7031 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX7031 crystal-based, fractional-N transceiver is
designed to transmit and receive FSK data at factory-
preset carrier frequencies of 308MHz
, 315MHz, or
433.92MHz with data rates up to 33kbps (Manchester
encoded) or 66kbps (NRZ encoded). This device gen-
erates a typical output power of +10dBm into a 50
load, and exhibits typical sensitivity of -110dBm. The
MAX7031 features separate transmit and receive pins
(PAOUT and LNAIN) and provides an internal RF switch
that can be used to connect the transmit and receive
pins to a common antenna.
The MAX7031 transmit frequency is generated by a 16-
bit, fractional-N, phase-locked loop (PLL), while the
receiver’s local oscillator (LO) is generated by an inte-
ger-N PLL. This hybrid architecture eliminates the need
for separate transmit and receive crystal reference
oscillators because the fractional-N PLL is preset to be
10.7MHz above the receive LO. Retaining the fixed-N
PLL for the receiver avoids the higher current-drain
requirements of a fractional-N PLL and keeps the
receiver current drain as low as possible.
The fractional-N architecture of the MAX7031 transmit
PLL allows the transmit FSK signal to be preset for
exact frequency deviations, and completely eliminates
the problems associated with oscillator-pulling FSK sig-
nal generation. All frequency-generation components
are integrated on-chip, and only a crystal, a 10.7MHz IF
filter, and a few discrete components are required to
implement a complete antenna/digital data solution.
The MAX7031 is available in a small, 5mm x 5mm, 32-
pin, thin QFN package, and is specified to operate in
the automotive -40°C to +125°C temperature range.
Consult factory for availability.
Applications
2-Way Remote Keyless Entry
Security Systems
Home Automation
Remote Controls
Remote Sensing
Smoke Alarms
Garage-Door Openers
Local Telemetry Systems
Features
o +2.1V to +3.6V or +4.5V to +5.5V Single-Supply
Operation
o Single-Crystal Transceiver
o Factory-Preset Frequency (No Serial Interface
Required)
o FSK Modulation
o Factory-Preset FSK Frequency Deviation
o +10dBm Output Power into 50Ω Load
o Integrated TX/RX Switch
o Integrated Transmit and Receive PLL, VCO, and
Loop Filter
o > 45dB Image Rejection
o Typical RF Sensitivity*: -110dBm
o Selectable IF Bandwidth with External Filter
o RSSI Output with High Dynamic Range
o < 12.5mA Transmit-Mode Current
o < 6.7mA Receive-Mode Current
o < 800nA Shutdown Current
o Fast-On Startup Feature, < 250µs
o Small, 32-Pin, Thin QFN Package
Low-Cost, 308MHz, 315MHz, and 433.92MHz
FSK Transceiver with Fractional-N PLL
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-3707; Rev 2; 6/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX7031_ATJ__+
-40°C to +125°C
32 Thin QFN-EP**
*
0.2% BER, 4kbps Manchester-encoded data, 280kHz IF BW
+
Denotes a lead(Pb)-free/RoHs-compliant package.
**
EP = Exposed pad.
Note: The MAX7031 is available with factory-preset operating
frequencies. See the Selector Guide for complete part num-
bers.
Pin Configuration, Selector Guide, Typical Application
Circuit, and Functional Diagram appear at end of data sheet.


Similar Part No. - MAX7031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031 Datasheet
234Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031ATJ MAXIM-MAX7031ATJ Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031ATJ MAXIM-MAX7031ATJ Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
More results

Similar Description - MAX7031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031_10 Datasheet
234Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7030_V4 MAXIM-MAX7030_V4 Datasheet
281Kb / 20P
   Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7030 MAXIM-MAX7030 Datasheet
735Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7030 MAXIM-MAX7030_09 Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030 MAXIM-MAX7030_10 Datasheet
243Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7042 MAXIM-MAX7042_07 Datasheet
440Kb / 19P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
MAX7042 MAXIM-MAX7042_12 Datasheet
190Kb / 17P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 2; 1/12
MAX7042 MAXIM-MAX7042 Datasheet
225Kb / 18P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 0; 5/05
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com