Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7031 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7031
Description  Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7031 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7031 Datasheet HTML 4Page - Maxim Integrated Products MAX7031 Datasheet HTML 5Page - Maxim Integrated Products MAX7031 Datasheet HTML 6Page - Maxim Integrated Products MAX7031 Datasheet HTML 7Page - Maxim Integrated Products MAX7031 Datasheet HTML 8Page - Maxim Integrated Products MAX7031 Datasheet HTML 9Page - Maxim Integrated Products MAX7031 Datasheet HTML 10Page - Maxim Integrated Products MAX7031 Datasheet HTML 11Page - Maxim Integrated Products MAX7031 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Low-Cost, 308MHz, 315MHz, and 433.92MHz
FSK Transceiver with Fractional-N PLL
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(
Typical Operating Circuit, PAVDD = AVDD = DVDD = HVIN = +3.0V, fRF = 433.92MHz, IF BW = 280kHz. 4kbps Manchester
encoded, 0.2% BER deviation = ±50kHz, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
10
12
14
16
8
2.1
3.6
fRF = 315MHz
TA = +85
°C
TA = +125
°C
TA = -40
°C
TA = +25
°C
11
13
15
17
9
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
3.6
fRF = 434MHz
TA = +85
°C
TA = +125
°C
TA = -40
°C
TA = +25
°C
SUPPLY CURRENT vs. OUTPUT POWER
AVERAGE OUTPUT POWER (dBm)
6
2
-10
-6
-2
5
6
7
8
9
10
11
12
4
-14
10
fRF = 315MHz
SUPPLY CURRENT vs. OUTPUT POWER
AVERAGE OUTPUT POWER (dBm)
6
2
-10
-6
-2
5
6
7
8
9
10
11
12
13
14
-14
10
fRF = 434MHz
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
6
8
10
12
14
4
2.1
3.6
fRF = 315MHz
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
6
8
10
12
14
4
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
3.6
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
fRF = 434MHz
EFFICIENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
25
30
35
40
20
2.1
3.6
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
fRF = 315MHz
EFFICIENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
25
30
35
40
20
2.1
3.6
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
fRF = 434MHz
TRANSMITTER


Similar Part No. - MAX7031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031 Datasheet
234Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031ATJ MAXIM-MAX7031ATJ Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031ATJ MAXIM-MAX7031ATJ Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
More results

Similar Description - MAX7031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7031 MAXIM-MAX7031_10 Datasheet
234Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7030_V4 MAXIM-MAX7030_V4 Datasheet
281Kb / 20P
   Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7030 MAXIM-MAX7030 Datasheet
735Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7030 MAXIM-MAX7030_09 Datasheet
245Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030 MAXIM-MAX7030_10 Datasheet
243Kb / 20P
   Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7042 MAXIM-MAX7042_07 Datasheet
440Kb / 19P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
MAX7042 MAXIM-MAX7042_12 Datasheet
190Kb / 17P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 2; 1/12
MAX7042 MAXIM-MAX7042 Datasheet
225Kb / 18P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 0; 5/05
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
   FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com